Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980CGEFL/RV Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8980CGEFL/RV
Description  Stereo CODEC with Speaker Driver and Video Buffer
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980CGEFL/RV Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8980CGEFL/RV Datasheet HTML 1Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 2Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 3Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 123 page
background image
Pre-Production
WM8980
w
PP, Rev 3.8, May 2012
5
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
L2/GPIO2
Analogue input
Left channel line input/secondary mic pre-amp positive input/GPIO2 pin
2
RIP
Analogue input
Right Mic Pre-amp positive input
3
RIN
Analogue input
Right Mic Pre-amp negative input
4
R2/GPIO3
Analogue input
Right channel line input/secondary mic pre-amp positive input/GPIO3 pin
5
VBGND
Supply
Video buffer ground pin
6
VBIN
Analogue input
Video buffer signal input
7
VBREF
Analogue output
Video buffer reference resistor pin
8
VBOUT
Analogue output
Video buffer output
9
VBVDD
Supply
Video buffer analogue supply
10
NC
Not internally
connected
11
LRC
Digital Input / Output
DAC and ADC Sample Rate Clock
12
BCLK
Digital Input / Output
Digital Audio Bit Clock
13
ADCDAT
Digital Output
ADC Digital Audio Data Output
14
DACDAT
Digital Input
DAC Digital Audio Data Input
15
MCLK
Digital Input
Master Clock Input
16
DGND
Supply
Digital ground
17
DCVDD
Supply
Digital core logic supply
18
DBVDD
Supply
Digital buffer (I/O) supply
19
CSB/GPIO1
Digital Input / Output
3-Wire Control Interface Chip Select / GPIO1 pin
20
SCLK
Digital Input
3-Wire Control Interface Clock Input / 2-Wire Control Interface Clock
Input
21
SDIN
Digital Input / Output
3-Wire Control Interface Data Input / 2-Wire Control Interface Data Input
22
MODE
Digital Input
Control Interface Selection
23
GPIO4
Digital input/output
General purpose input/output 4
24
NC
Not internally
connected
25
AUXL
Analogue input
Left Auxilary input
26
AUXR
Analogue input
Right Auxilary input
27
OUT4
Analogue Output
Buffered midrail Headphone pseudo-ground, or Right line output or MONO
mix output
28
OUT3
Analogue Output
Buffered midrail Headphone pseudo-ground, or Left line output
29
ROUT2
Analogue Output
Second right output, or BTL speaker driver negative output
30
SPKGND
Supply
Speaker ground (feeds speaker amp and OUT3/OUT4)
31
LOUT2
Analogue Output
Second left output, or BTL speaker driver positive output
32
SPKVDD
Supply
Speaker supply (feeds speaker amp only)
33
VMID
Reference
Decoupling for ADC and DAC reference voltage
34
AGND
Supply
Analogue ground (feeds ADC and DAC)
35
ROUT1
Analogue Output
Headphone or Line Output Right
36
LOUT1
Analogue Output
Headphone or Line Output Left
37
AVDD
Supply
Analogue supply (feeds ADC and DAC)
38
MICBIAS
Analogue Output
Microphone Bias
39
LIP
Analogue input
Left Mic Pre-amp positive input
40
LIN
Analogue input
Left Mic Pre-amp negative input
Note:
It is recommended that the QFN ground paddle should be connected to analogue ground on the application PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com