Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980CGEFL/RV Datasheet(PDF) 70 Page - Wolfson Microelectronics plc

Part # WM8980CGEFL/RV
Description  Stereo CODEC with Speaker Driver and Video Buffer
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980CGEFL/RV Datasheet(HTML) 70 Page - Wolfson Microelectronics plc

Back Button WM8980CGEFL/RV Datasheet HTML 66Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 67Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 69Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 70Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 71Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 72Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 73Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 74Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 123 page
background image
WM8980
Pre-Production
w
PP, Rev 3.8, May 2012
70
L/ROUT2EN/
OUT3/4EN
OUT3BOOST/
OUT4BOOST/
SPKBOOST
VROI
OUTPUT CONFIGURATION
0
0
0
1kΩ tie-off to AVDD/2
0
0
1
30kΩ tie-off to AVDD/2
0
1
0
1kΩ tie-off to 1.5xAVDD/2
0
1
1
30kΩ tie-off to 1.5xAVDD/2
1
0
X
Output enabled (DC level=AVDD/2)
1
1
X
Output enabled (DC level=1.5xAVDD/2)
Table 53 Unused Output Pin Tie-off Options
VIDEO BUFFER
DESCRIPTION
The WM8980 incorporates a current mode output video buffer capable of operating from a 2.5V
supply, with an input 3
rd order Low Pass Filter (LPF) and clamp. The gain through this buffer can be
programmed as 0dB or 6dB (=6dB or 12dB unloaded) via the control interface. The current mode
output means that the signal swing seen at the output of the buffer will be the same as that at the
connection to the receiving equipment (e.g. a TV). Note that the input to the receiver should be AC
coupled and terminated to 75
, as is standard, for best performance.
Figure 36 Video Buffer
The input clamp should be enabled when using AC coupling at the input to the video buffer, using the
VBCLAMPEN register bit.
Note: The WM8980 Video Buffer input signal level at the input pin (VBIN) should not exceed 500mV
when using ac coupling or 330mV when using dc coupling when the input clamp circuit is enabled.
It is therefore recommended that the video signal is ac coupled into the video buffer and that the
video signal driving VBIN is disabled and is either high impedance or GND when the video buffer is
disabled.
Care should be taken with PCB layout, designing for at least 1GHz frequencies to avoid degrading
performance. Vias and sharp corners should be avoided and parasitic capacitance minimised on
signal paths, which should be kept as short and straight as possible. The VBVDD supply should be
decoupled as close to the pin as possible. See the “External Components” section for more
information.
LOW PASS FILTER
A low pass filter is integrated at the video buffer input, which is intended to remove images in the
video DAC output waveform at multiples of the DAC clock frequency. A 3
rd order Butterworth filter is
used, with the following characteristics:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com