Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980CGEFL/RV Datasheet(PDF) 101 Page - Wolfson Microelectronics plc

Part # WM8980CGEFL/RV
Description  Stereo CODEC with Speaker Driver and Video Buffer
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980CGEFL/RV Datasheet(HTML) 101 Page - Wolfson Microelectronics plc

Back Button WM8980CGEFL/RV Datasheet HTML 97Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 98Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 99Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 100Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 101Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 102Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 103Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 104Page - Wolfson Microelectronics plc WM8980CGEFL/RV Datasheet HTML 105Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 123 page
background image
Pre-Production
WM8980
w
PP, Rev 3.8, May 2012
101
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15 (0Fh)
8
ADCVU
N/A
ADC left and ADC right volume do not update until
a 1 is written to ADCVU (in reg 16 or 17)
Analogue to
Digital
Converter
(ADC)
7:0
ADCVOLL
11111111
Left ADC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
Analogue to
Digital
Converter
(ADC)
16 (10h)
8
ADCVU
N/A
ADC left and ADC right volume do not update until
a 1 is written to ADCVU (in reg 16 or 17)
Analogue to
Digital
Converter
(ADC)
7:0
ADCVOLR
11111111
Right ADC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
Analogue to
Digital
Converter
(ADC)
18 (12h)
8
EQ3DMODE
1
0 = Equaliser and 3D Enhancement applied to
ADC path
1 = Equaliser and 3D Enhancement applied to
DAC path
Output Signal
Path
7
0
Reserved
6:5
EQ1C
EQ Band 1 Cut-off Frequency:
00=80Hz
01=105Hz
10=135Hz
11=175Hz
Output Signal
Path
4:0
EQ1G
01100
EQ Band 1 Gain Control. See Table 37 for details.
Output Signal
Path
19 (13h)
8
EQ2BW
0
EQ Band 2 Bandwidth Control
0=narrow bandwidth
1=wide bandwidth
Output Signal
Path
7
0
Reserved
Output Signal
Path
6:5
EQ2C
01
EQ Band 2 Centre Frequency:
00=230Hz
01=300Hz
10=385Hz
11=500Hz
Output Signal
Path
4:0
EQ2G
01100
EQ Band 2 Gain Control. See Table 37 for details.
Output Signal
Path
20 (14h)
8
EQ3BW
0
EQ Band 3 Bandwidth Control
0=narrow bandwidth
1=wide bandwidth
Output Signal
Path
7
0
Reserved
Output Signal
Path
6:5
EQ3C
01
EQ Band 3 Centre Frequency:
00=650Hz
01=850Hz
10=1.1kHz
11=1.4kHz
Output Signal
Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com