Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8983GEFL/V Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/V
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/V Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 124 page
background image
WM8983
Production Data
w
PD, Rev 4.3, May 2010
42
NOTCH FILTER WORKED EXAMPLE
The following example illustrates how to calculate the a0 and a1 coefficients for a desired centre
frequency and -3dB bandwidth.
Fc = 1000 Hz
fb = 100 Hz
fs = 48000 Hz
rads
s
f
c
f
w
1308996939
.
0
48000
1000
2
2
0
=
=
=
π
π
rads
s
f
b
f
b
w
9
0130899693
.
0
48000
100
2
2
=
=
=
π
π
9869949627
0
2
9
0130899693
0
tan
1
2
9
0130899693
0
tan
1
2
tan
1
2
tan
1
0
.
)
/
.
(
)
/
.
(
)
/
b
(w
)
/
b
(w
a
=
+
−
=
+
−
=
969995945
.
1
)
1308996939
.
0
cos(
)
9869949627
.
0
1
(
)
0
cos(
)
0
1
(
1
−
=
+
−
=
+
−
=
w
a
a
NFA0 = -a0 x 2
13 = -8085 (rounded to nearest whole number)
NFA1 = -a1 x 2
12 = 8069 (rounded to nearest whole number)
These values are then converted to a 2’s complement notation:
NFA0[13:0] = 14’h1F95; Converting to 2’s complement NFA0 = 14’h4000 – 14’h1F95 = 14’h206B
NFA1[13:0] = 14’h1F85; Converting to 2’s complement NFA0 = 14’h1F85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com