Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8983GEFL/V Datasheet(PDF) 91 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/V
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/V Datasheet(HTML) 91 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 124 page
background image
Production Data
WM8983
w
PD, Rev 4.3, May 2010
91
GENERAL PURPOSE INPUT/OUTPUT
The WM8983 has three dual purpose input/output pins.
•
CSB/GPIO1: CSB / GPIO1 pin
•
L2/GPIO2: Left channel line input / headphone detection input
•
R2/GPIO3: Right channel line input / headphone detection input
The GPIO2 and GPIO3 functions are provided for use as jack detection inputs.
The GPIO1 and GPIO2 functions are provided for use as jack detection inputs or general purpose
outputs.
The default configuration for the CSB/GPIO1 is to be an input.
When setup as an input, the CSB/GPIO1 pin can either be used as CSB or for jack detection,
depending on how the MODE pin is set.
Table 63 illustrates the functionality of the GPIO1 pin when used as a general purpose output.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
GPIO
Control
2:0
GPIO1SEL
000
CSB/GPIO1 pin function select:
000= input (CSB/jack detection:
depending on MODE setting)
001 = reserved
010 = Temp ok
011 = Amute active
100 = PLL clk output
101 = PLL lock
110 = logic 0
111 = logic 1
3
GPIO1POL
0
GPIO1 Polarity invert
0 = Non inverted
1 = Inverted
5:4
OPCLKDIV
00
PLL Output clock division ratio
00 = divide by 1
01 = divide by 2
10 = divide by 3
11 = divide by 4
Table 63 CSB/GPIO Control
Note: If MODE is set to 3 wire mode, CSB/GPIO1 is used as CSB input irrespective of the
GPIO1SEL[2:0] bits.
For further details of the jack detect operation see the OUTPUT SWITCHING section.
OUTPUT SWITCHING (JACK DETECT)
When the device is operated using a 2-wire interface the CSB/GPIO1 pin can be used as a switch
control input to automatically disable one set of outputs and enable another; the most common use
for this functionality is as jack detect circuitry. The L2/GPIO2 and R2/GPIO3 pins can also be used
for this purpose.
The GPIO pins have an internal de-bounce circuit when in this mode in order to prevent the output
enables from toggling multiple times due to input glitches. This de-bounce circuit is clocked from a
slow clock with period 2
21 x MCLK and is enabled by the SLOWCLKEN bit.
Notes:
1.
The SLOWCLKEN bit must be enabled for the jack detect circuitry to operate.
2.
The GPIOPOL bit is not relevant for jack detection, it is the signal detected at the pin which is
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com