Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8983GEFL/V Datasheet(PDF) 116 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/V
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/V Datasheet(HTML) 116 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/V Datasheet HTML 112Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 113Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 114Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 115Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 116Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 117Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 118Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 119Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 120Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 124 page
background image
WM8983
Production Data
w
PD, Rev 4.3, May 2010
116
DAC FILTER RESPONSES
-160
-140
-120
-100
-80
-60
-40
-20
0
20
00.5
11.5
22.5
Frequency (fs)
2.6
2.65
2.7
2.75
2.8
2.85
2.9
2.95
3
3.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (fs)
Figure 54 DAC Digital Filter Frequency Response
(128xOSR)
Figure 55 DAC Digital Filter Ripple (128xOSR)
-160
-140
-120
-100
-80
-60
-40
-20
0
20
00.5
11.5
22.5
Frequency (fs)
2.6
2.65
2.7
2.75
2.8
2.85
2.9
2.95
3
3.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (fs)
Figure 56 DAC Digital Filter Frequency Response (64xOSR)
Figure 57 DAC Digital Filter Ripple (64xOSR)
ADC FILTER RESPONSES
-120
-100
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
3
Frequency (Fs)
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
0.1
0.2
0.3
0.4
0.5
Frequency (Fs)
Figure 58 ADC Digital Filter Frequency Response
Figure 59 ADC Digital Filter Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com