Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8988 Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8988
Description  Stereo CODEC for Portable Audio Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8988 Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8988 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 56Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
Production Data
WM8988
w
PD, Rev 4.0, October 2008
55
PACKAGE DIMENSIONS
DM050.B
FL: 28 PIN COL QFN PLASTIC PACKAGE 4 X 4 X 0.55 mm BODY, 0.45 mm LEAD PITCH
INDEX AREA
(D/2 X E/2)
TOP VIEW
D
E
4
NOTES:
1. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.15 mm AND 0.30 mm FROM TERMINAL TIP.
2. ALL DIMENSIONS ARE IN MILLIMETRES.
3. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
4. REFER TO APPLICATIONS NOTE WAN_0118 FOR FURTHER INFORMATION REGARDING PCB FOOTPRINTS AND QFN PACKAGE SOLDERING.
5. DEPENDING ON THE METHOD OF LEAD TERMINATION AT THE EDGE OF THE PACKAGE, PULL BACK (L1) MAY BE PRESENT.
6. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
DETAIL 1
A
7
1
15
21
28
22
14
e
8
1
B
C
bbb M
A
BOTTOM VIEW
C
aaa
2 X
C
aaa
2 X
C
A3
SEATING PLANE
DETAIL 2
A1
C
0.08
C
ccc
A
5
SIDE VIEW
L
DETAIL 1
e
Datum
DETAIL 2
Terminal
Tip
e/2
R
SEE DETAIL 2
b
A3
G
T
H
W
Exposed lead
DETAIL 2
L1
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
A1
A3
0.500
0.550
0.600
0.05
0.025
0
0.152 REF
b
D
E
e
L
0.28
0.18
4.00
0.45 BSC
0.40 REF
4.00
0.10
aaa
bbb
ccc
REF:
0.15
0.10
JEDEC, MO-220
Tolerances of Form and Position
0.23
H
0.076 REF
0.535 REF
G
T
0.076 REF
W
0.230 REF
1
L1
0.05 REF
5
3.95
4.05
3.95
4.05
PIN 1
IDENTIFICATION
0.150MM SQUARE
0.275MM
0.275MM
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com