Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8988 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8988
Description  Stereo CODEC for Portable Audio Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8988 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8988 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
w
WM8988
Stereo CODEC for Portable Audio Applications
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, October 2008, Rev 4.0
Copyright
©2008 Wolfson Microelectronics plc
DESCRIPTION
The WM8988 is a low power, high quality stereo CODEC
designed for portable digital audio applications.
The device integrates complete interfaces to 2 stereo
headphone
or
line
out
ports.
External
component
requirements are drastically reduced as no separate
headphone amplifiers are required. Advanced on-chip digital
signal processing performs graphic equaliser, 3-D sound
enhancement
and
automatic
level
control
for
the
microphone or line input.
The WM8988 can operate as a master or a slave, with
various master clock frequencies including 12 or 24MHz for
USB devices, or standard 256fs rates like 12.288MHz and
24.576MHz. Different audio sample rates such as 96kHz,
48kHz, 44.1kHz are generated directly from the master
clock without the need for an external PLL.
The WM8988 operates at supply voltages down to 1.8V,
although the digital core can operate at voltages down to
1.42V to save power, and the maximum for all supplies is
3.6 Volts. Different sections of the chip can also be powered
down under software control.
The WM8988 is supplied in a very small and thin 4x4mm
COL package, ideal for use in hand-held and portable
systems.
FEATURES
•
DAC SNR 100dB (‘A’ weighted), THD –90dB at 48kHz, 3.3V
•
ADC SNR 93dB (‘A’ weighted), THD -81dB at 48kHz, 3.3V
•
Programmable ALC / Noise Gate
•
2x On-chip Headphone Drivers
-
>40mW output power on 16
Ω / 3.3V
-
THD –80dB at 20mW, SNR 90dB with 16
Ω load
•
Digital Graphic Equaliser
•
Low Power
-
7mW stereo playback (1.8V / 1.5V supplies)
-
14mW record and playback (1.8V / 1.5V supplies)
•
Low Supply Voltages
-
Analogue 1.8V to 3.6V
-
Digital core: 1.42V to 3.6V
-
Digital I/O: 1.8V to 3.6V
•
256fs / 384fs or USB master clock rates: 12MHz, 24MHz
•
Audio sample rates: 8, 11.025, 16, 22.05, 24, 32, 44.1, 48,
88.2, 96kHz generated internally from master clock
•
4x4mm COL package
APPLICATIONS
•
Portable Multimedia players
•
Multimedia handsets
•
Handheld gaming
BLOCK DIAGRAM


Similar Part No. - WM8988

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8988 CIRRUS-WM8988 Datasheet
1Mb / 58P
Stereo CODEC for Portable Audio Applications
More results

Similar Description - WM8988

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8750L WOLFSON-WM8750L Datasheet
661Kb / 56P
STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
WM8987L WOLFSON-WM8987L Datasheet
739Kb / 58P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL_12 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
Stereo CODEC for Portable Audio Applications
WM8987 WOLFSON-WM8987 Datasheet
821Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8988 CIRRUS-WM8988 Datasheet
1Mb / 58P
Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com