Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA393DTF Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KA393DTF
Description  Dual Differential Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA393DTF Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA393DTF_11 Datasheet HTML 1Page - Fairchild Semiconductor KA393DTF_11 Datasheet HTML 2Page - Fairchild Semiconductor KA393DTF_11 Datasheet HTML 3Page - Fairchild Semiconductor KA393DTF_11 Datasheet HTML 4Page - Fairchild Semiconductor KA393DTF_11 Datasheet HTML 5Page - Fairchild Semiconductor KA393DTF_11 Datasheet HTML 6Page - Fairchild Semiconductor KA393DTF_11 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA393 / KA2903 • Rev. 1.0.3
3
Electrical Characteristics
VCC = 5V and TA = 25°C, Unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIO
Input Offset
Voltage
KA393
VO(P) =1.4V, RS =0Ω
±1
±5
mV
VCM= 0 to1.5V, TA= 0 to +70°C
±9
KA393A
VO(P) =1.4V, RS =0Ω
±1
±2
VCM= 0 to1.5V, TA= 0 to +70°C
±4
IIO
Input Offset Current
TA=25°C
±5
±50
nA
TA= 0 to +70°C
±150
IBIAS
Input Bias Current
TA=25°C
65
250
nA
TA= 0 to +70°C
400
VI(R)
Input Common-Mode Voltage
Range
TA=25°C
0
VCC-1.5
V
TA= 0 to +70°C
0
VCC-2.0
ICC
Supply Current
RL = ∞, VCC = 5V
0.6
1.0
mA
RL = ∞, VCC = 30V
0.8
2.5
VG
Voltage Gain
VCC =15V, RL≥15KΩ,
(for Large VO(P-P) Swing)
50
200
V/mV
tLRES
Large Signal Response Time
VI =TTL Logic Swing VREF =1.4V,
VRL =5V, RL =5.1KΩ
350
ns
tRES
Response Time
VRL =5V, RL =5.1KΩ
1.4
µs
ISINK
Output Sink Current
VI(-) ≥ 1V, VI(+) = 0V, VO(P) ≤ 1.5V
6
18
mA
VSAT
Output Saturation Voltage
VI(-) ≥ 1V, VI(+) =0V
160
400
mV
ISINK=4mA, TA= 0 to +70°C
700
IO(LKG)
Output Leakage Current
VI(-) = 0V, VI(+) = 1V, VO(P) = 5V
0.1
nA
VI(-) = 0V, VI(+) = 1V, VO(P) = 30V
1.0
µA
KA2903
VIO
Input Offset Voltage
VO(P) =1.4V, RS =0Ω
±1
±7
mV
VCM= 0 to1.5V, TA= -40 to +85°C
±9
±15
IIO
Input Offset Current
TA=25°C
±5
±50
nA
TA= -40 to +85°C
±50
±200
IBIAS
Input Bias Current
TA=25°C
65
250
nA
TA= -40 to +85°C
500
VI(R)
Input Common-Mode Voltage
Range
TA=25°C
0
VCC-1.5
V
TA= -40 to +85°C
0
VCC-2.0
ICC
Supply Current
RL = ∞, VCC = 5V
0.6
1.0
mA
RL = ∞, VCC = 30V
1.0
2.5
VG
Voltage Gain
VCC =15V, RL≥15KΩ,
(for Large VO(P-P) Swing)
25
100
V/mV
tLRES
Large Signal Response Time
VI =TTL Logic Swing VREF =1.4V,
VRL =5V, RL =5.1KΩ
350
ns
tRES
Response Time
VRL =5V, RL =5.1KΩ
1.5
µs
ISINK
Output Sink Current
VI(-) ≥ 1V, VI(+) = 0V, VO(P) ≤ 1.5V
6
16
mA
VSAT
Output Saturation Voltage
VI(-) ≥ 1V, VI(+) =0V
160
400
mV
ISINK=4mA, TA= -40 to +85°C
700
IO(LKG)
Output Leakage Current
VI(-) = 0V, VI(+) = 1V, VO(P) = 5V
0.1
nA
VI(-) = 0V, VI(+) = 1V, VO(P) = 30V
1.0
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com