Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA393DTF Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KA393DTF
Description  Dual Differential Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA393DTF Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA393DTF_11 Datasheet HTML 1Page - Fairchild Semiconductor KA393DTF_11 Datasheet HTML 2Page - Fairchild Semiconductor KA393DTF_11 Datasheet HTML 3Page - Fairchild Semiconductor KA393DTF_11 Datasheet HTML 4Page - Fairchild Semiconductor KA393DTF_11 Datasheet HTML 5Page - Fairchild Semiconductor KA393DTF_11 Datasheet HTML 6Page - Fairchild Semiconductor KA393DTF_11 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA393 / KA2903 • Rev. 1.0.3
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Power Supply Voltage
±18
36
V
VI(DIFF)
Differential Input Voltage
36
V
VI
Input Voltage
-0.3
+36.0
V
Output Short Circuit to GND
Continuous
PD
Power Dissipation,
TA = 25°C
8-DIP
1040
mW
8-SOIC
480
TOPR
Operating Temperature
KA393 / KA393A
0
+70
°C
KA2903
-40
+85
TSTG
Storage Temperature
-65
+150
°C
RΘJA
Thermal Resistance,
Junction-to-Ambient
8-DIP
120
°C/W
8-SOIC
260
ESD
Electrostatic Discharge
Capability
Human Body Model, JESD22-A114
1000
V
Charged Device Model, JESD22-C101
2000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com