Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9001GEFL/R Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM9001GEFL/R
Description  1W Dual-Mode Class AB/D Speaker Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9001GEFL/R Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM9001GEFL/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 25Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Production Data
WM9001
w
PD, March 2010, Rev 4.1
21
SPEAKER SELECTION
In Class D driver mode, the WM9001 output contains high frequency signals resulting from the
switched PWM operation. To avoid the need for specific filter components, it is important to make an
appropriate choice of loudspeaker. Note that, for Class AB mode usage, the choice of speaker is not
so important as there are no high frequency harmonics in the WM9001 output.
The speaker inductance and load resistance create a low-pass filter which, ideally, will attenuate the
high frequency Class D switching harmonics whilst passing the desired audio frequencies. The 3dB
cut-off frequency of the speaker inductance and resistance may be calculated as follows:
fc = RL / 2
πL
Therefore, for an 8
Ω speaker and a desired 3dB cut-off frequency of 20kHz, the speaker should be
chosen to have an inductance of:
L = RL / 2
πfc = 8Ω / 2π * 20kHz = 64μH
8
Ω speakers for portable applications typically have an inductance in the range 20μH to 100μH. If the
inductance is higher than value calculated above, then the cut-off frequency will be reduced, limiting
the audio bandwidth. Lower values of inductance will result in a higher cut-off frequency. The Class D
outputs contain harmonics at much higher frequencies than is recommended for most speakers, and
the cut-off frequency of the filter must therefore be low enough to protect the speaker.
Figure 11 Speaker Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com