Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9001GEFL/R Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM9001GEFL/R
Description  1W Dual-Mode Class AB/D Speaker Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9001GEFL/R Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM9001GEFL/R Datasheet HTML 1Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM9001GEFL/R Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Production Data
WM9001
w
PD, March 2010, Rev 4.1
3
PIN CONFIGURATION
The WM9001 is supplied in a 3mm x 3mm 16 pin QFN package
QFN
ORDERING INFORMATION
DEVICE
MINIMUM ORDER
QUANTITY
TEMPERATURE
RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
QFN
WM9001GEFL
164
-40
°C to 85°C
QFN
MSL 1
260
°C
QFN
WM9001GEFL/R
3500
-40
°C to 85°C
QFN
MSL 1
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com