Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8310 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
23
7.7
BATTERY CHARGER
Unless otherwise noted: TJ = -40°C to +125°C; Typical values are at TJ = +25ºC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
General
Supply voltage
(Voltage required to commence
charging; note that charging
can continue at lower supply
voltages, eg. under current
throttling conditions)
VSYSVDD
4.3
5.5
V
Target voltage
VBATT_TGT
CHG_VSEL = 00
4.0
4.05
4.1
V
CHG_VSEL = 01
4.05
4.10
4.15
CHG_VSEL = 10
4.1
4.15
4.2
CHG_VSEL = 11
4.15
4.20
4.25
Charger re-start threshold
(Trickle charging starts when
battery voltage is below this
threshold)
VBATT_RSTRT
VBATT_TGT
- 100mV
V
Defective battery threshold
VBATT_DEF
2.85
V
Defective battery timeout
tBATT_DEF
30
mins
Overvoltage threshold
VBATT_OV
4.5
V
End of Charge Current
IEOC
Set by CHG_ITERM
20 to 90
mA
Maximum trickle charge current
ITRKL_LIM
Set by CHG_TRKL_ILIM
50 to 200
mA
Fast charge threshold
(Fast charging fast-charge is
only possible when battery
voltage is above this threshold)
VFAST_CHG
2.85
V
Maximum fast charge current
IFAST_LIM
Set by CHG_FAST_ILIM
50 to
1000
mA
Supply voltage regulation level
(Current throttling is applied if
supply drops to this level)
VSYS_REG
Internal Battery FET ‘On’
Resistance
RCHG_SW
VBATTVDD = 3.8V
90
m
VBATTVDD = 3.3V
100
Battery Temperature Monitoring
Battery temperature monitor
source (NTCBIAS)
VNTCBIAS
2.1
V
NTCMON voltage for high
battery temperature detection
VBTEMP_H
VNTCMON falling
0.344
VNTCBIAS
V
VNTCMON rising
0.365
VNTCBIAS
NTCMON voltage for low
battery temperature detection
VBTEMP_L
VNTCMON rising
0.767
VNTCBIAS
V
VNTCMON falling
0.743
VNTCBIAS
NTCMON voltage for ‘no NTC’
detection
VNO_NTC
VNTCMON rising
0.961
VNTCBIAS
V
VNTCMON falling
0.931
VNTCBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com