Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8310 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
24
7.8
USB POWER CONTROL
Unless otherwise noted: TJ = -40°C to +125°C; Typical values are at TJ = +25ºC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
VUSBVDD
4.3
5.5
V
USB FET ‘On’ Resistance
RUSB_SW
USB_ILIM = 010
230
m
USB_ILIM = 011 or greater
96
Current limit
IUSBVDD
USB_ILIM = 010
91
100
mA
USB_ILIM = 011
454
500
USB_ILIM = 100
805
900
USB_ILIM = 101
1343
1500
USB_ILIM = 110
1609
1800
USB_ILIM = 111
496
550
Current limit response time
10
s
7.9
GENERAL PURPOSE INPUTS / OUTPUTS (GPIO)
Unless otherwise noted: TJ = -40°C to +125°C; Typical values are at TJ = +25ºC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GPIO1, GPIO2, GPIO3, GPIO7, GPIO8, GPIO9
Input HIGH Level
VIH
0.75 x
VDD
V
Input LOW Level
VIL
0.25 x
VDD
V
Output HIGH Level
VOH
IOH = 1mA
0.8 x
VDD
V
Output LOW Level
VOL
IOL = -1mA
0.2 x
VDD
V
Pull-up resistance to VDD
RPU
GPn_PWR_DOM=0 and
DBVDD=1.8V
or GPn_PWR_DOM=1
180
kΩ
Pull-down resistance
RPD
180
kΩ
GPIO4, GPIO5, GPIO6, GPIO10, GPIO11, GPIO12
Input HIGH Level
VIH
0.85 x
VDD
V
Input LOW Level
VIL
0.2 x
VDD
V
Output HIGH Level
VOH
IOH = 1mA
0.8 x
VDD
V
Output LOW Level
VOL
IOL = -1mA
0.2 x
VDD
V
Pull-up resistance to VDD
RPU
GPn_PWR_DOM=0 and
DBVDD=1.8V
or GPn_PWR_DOM=1 and
SYSVDD=3.8V
180
kΩ
Pull-down resistance
RPD
180
kΩ
Notes:
1.
‘VDD’ is the voltage of the applicable power domain for each pin (selected by the corresponding GPn_PWR_DOM register).
2.
Pull-up / pull-down resistance only applies when enabled using the GPn_PULL registers.
3.
Pull-up / pull-down resistors are disabled when the GPIO pin is tri-stated.
4.
Pull-up / pull-down resistance may change with the applicable power domain (as selected by GPn_PWR_DOM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com