Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8326GEFL/V Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
33
The ON Source and OFF Source register fields are defined in Table 2.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16387
(4003h)
Power State
15
CHIP_ON
0
Indicates whether the system is
ON or OFF.
0 = OFF
1 = ON (or SLEEP)
OFF can be commanded by
writing CHIP_ON = 0.
Note that writing CHIP_ON = 1 is
not a valid ‘ON’ event, and will not
trigger an ON transition.
14
CHIP_SLP
0
Indicates whether the system is in
the SLEEP state.
0 = Not in SLEEP
1 = SLEEP
WAKE can be commanded by
writing CHIP_SLP = 0.
SLEEP can be commanded by
writing CHIP_SLP = 1.
11:10
PWRSTATE_DLY
10
Power State transition delay
00 = No delay
01 = No delay
10 = 1ms
11 = 10ms
R16398
(400Eh)
ON Source
15
ON_TRANS
0
Most recent ON/WAKE event type
0 = WAKE transition
1 = ON transition
11
ON_GPIO
0
Most recent ON/WAKE event type
0 = Not caused by GPIO input
1 = Caused by GPIO input
10
ON_SYSLO
0
Most recent WAKE event type
0 = Not caused by PVDD
1 = Caused by SYSLO threshold.
Note that the SYSLO threshold
cannot trigger an ON event.
7
ON_WDOG_TO
0
Most recent WAKE event type
0 = Not caused by Watchdog timer
1 = Caused by Watchdog timer
6
ON_SW_REQ
0
Most recent WAKE event type
0 = Not caused by software WAKE
1 = Caused by software WAKE
command (CHIP_SLP = 0)
5
ON_RTC_ALM
0
Most recent ON/WAKE event type
0 = Not caused by RTC Alarm
1 = Caused by RTC Alarm
4
ON_ON_PIN
0
Most recent ON/WAKE event type
0 = Not caused by the ON pin
1 = Caused by the ON pin
3
RESET_CNV_UV
0
Most recent ON event type
0 = Not caused by undervoltage
1 = Caused by a Device Reset due
to a Converter (LDO or DC-DC)
undervoltage condition
2
RESET_SW
0
Most recent ON event type
0 = Not caused by Software Reset
1 = Caused by Software Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com