Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8326GEFL/V Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
39
The WM8326 can generate an Auxiliary Reset output via a GPIO pin configured as “Auxiliary Reset”
output (see Section 21). This signal is asserted in the OFF state. The status of the Auxiliary Reset in
the SLEEP state is configurable, using the AUXRST_SLPENA register bit as defined in Table 8.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16390 (4006h)
Reset Control
6
AUXRST_SLPE
NA
1
Sets the output status of Auxiliary
Reset (GPIO) function in SLEEP
0 = Auxiliary Reset not asserted
1 = Auxiliary Reset asserted
Protected by user key
Table 8 Auxiliary Reset (GPIO) Control
The timing details of the RESET
¯¯¯¯¯¯ pin relative to an ON state transition are illustrated in Figure 6.
Power State
Time
RESET pin
OFF
ON
State Transition
Time delay set by
PWRSTATE_DELAY
1ms or 10ms
ON transition.
Nominal duration = 5 x 2ms
RESET delay set by RST_DUR
3ms, 11ms, 51ms or 101ms
Figure 6 RESET Pin Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com