Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352GEB/V Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8352GEB/V
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352GEB/V Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8352GEB/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
49
12.3.1
SYSCLK CONTROL
The MCLK_SEL bit is used to select the source for SYSCLK. The source may be either directly from
the MCLK input or may be from the output of the FLL. If required, the selected source may be divided
by two, as determined by MCLK_DIV, as described in Table 8. For further details of the FLL, see
Section 12.4.
When the internal clock source is switched from one value to another using MCLK_SEL, the change
of source will only occur following a falling edge of the source signal that was originally selected. In
the case where the clock source is switched from FLL to MCLK, a suitable falling edge can be
ensured by disabling the FLL after selection of MCLK as the source.
The recommended sequence of actions to switch from FLL to MCLK source is as follows:
Select MCLK as source (MCLK_SEL = 0)
Disable FLL (FLL_ENA = 0)
Disable FLL oscillator (FLL_OSC_ENA = 0)
Note that, as an alternative to the above sequence, a software reset may be used to re-select MCLK
as the default SYSCLK source.
The recommended sequence of actions to switch from MCLK to FLL source is as follows:
Enable FLL oscillator (FLL_OSC_ENA = 1)
Enable FLL (FLL_ENA = 1)
Select FLL as source (MCLK_SEL = 1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R40 (28h)
Clock Control
1
11
MCLK_SEL
0
Selects source for SYSCLK to CODEC
0 = MCLK pin
1 = FLL
8
MCLK_DIV
0
Selects MCLK division in slave (MCLK
input) mode:
0 = divide MCLK by 1
1 = divide MCLK by 2
Table 8 SYSCLK Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com