Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352GEB/V Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8352GEB/V
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352GEB/V Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8352GEB/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
25
8
TYPICAL POWER CONSUMPTION
ADC Master Mode
48kHz
2.5
2.5
1.71
1.71
3.6
0.000014
0.55
2.3
13.87
3.3
3.3
3.3
1.8
4.46
0.00003
1.085
2.4
22.62
3.6
3.6
3.6
3.6
4.79
0.000028
1.18
5.67
41.90
Power Consumption
(mW)
IAVDD
(mA)
IHPVDD
(mA)
IDB
(mA)
IDC
(mA)
AVDD
(V)
DBVDD
(V)
DCVDD
(V)
HPVDD
(V)
ADC Master Mode
1kHz Tone 100mVpk-pk
2.5
2.5
1.71
1.71
3.6
0.00009
0.5
2.14
13.51
3.3
3.3
3.3
1.8
4.4
0.00016
1.02
2.3
22.03
3.6
5.5
3.6
3.6
4.8
0.00008
1.12
5.3
40.39
HPVDD
(V)
IAVDD
(mA)
IHPVDD
(mA)
IDB
(mA)
IDC
(mA)
Power Consumption
(mW)
AVDD
(V)
DBVDD
(V)
DCVDD
(V)
ADC Master Mode
Pink Noise
2.5
2.5
1.71
1.71
3.58
0.000004
0.51
2.1
13.41
3.3
3.3
3.3
1.8
4.43
0.00026
1
2.2
21.88
3.6
5.5
3.6
3.6
4.8
0.000085
1.1
5.2
39.96
Power Consumption
(mW)
IAVDD
(mA)
IHPVDD
(mA)
IDB
(mA)
IDC
(mA)
AVDD
(V)
HPVDD
(V)
DBVDD
(V)
DCVDD
(V)
ADC Slave Mode
44.1kHz
2.5
2.5
1.71
1.71
3.4
0.00002
0.02
2.2
12.30
3.3
3.3
3.3
1.8
4.2
0.00041
0.05
2.3
18.17
3.6
3.6
3.6
3.6
4.4
0.0004
0.05
5.33
35.21
IAVDD
(mA)
IHPVDD
(mA)
IDB
(mA)
IDC
(mA)
Power Consumption
(mW)
AVDD
(V)
HPVDD
(V)
DBVDD
(V)
DCVDD
(V)
DAC OUT1 Master Mode
44.1kHz, 10kΩ Load
2.5
2.5
1.71
1.71
2.97
0.299
0.193
1.69
11.39
3.3
3.3
3.3
1.8
4.14
0.432
0.39
1.78
19.58
3.6
3.6
3.6
3.6
4.54
0.486
0.461
4.28
35.16
Power Consumption
(mW)
IAVDD
(mA)
IHPVDD
(mA)
IDB
(mA)
IDC
(mA)
AVDD
(V)
DBVDD
(V)
DCVDD
(V)
HPVDD
(V)
48kHz,10kΩ Load
2.5
2.5
1.71
1.71
2.82
0.3
0.2
2
11.56
3.3
3.3
3.3
1.8
3.94
0.45
0.42
2.12
19.69
3.6
3.6
3.6
3.6
4.33
0.51
0.46
4.9
36.72
HPVDD
(V)
IAVDD
(mA)
IHPVDD
(mA)
IDB
(mA)
IDC
(mA)
Power Consumption
(mW)
AVDD
(V)
DBVDD
(V)
DCVDD
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com