Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX205AL Datasheet(PDF) 21 Page - Sony Corporation

Part # ICX205AL
Description  Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX205AL Datasheet(HTML) 21 Page - Sony Corporation

Back Button ICX205AL Datasheet HTML 14Page - Sony Corporation ICX205AL Datasheet HTML 15Page - Sony Corporation ICX205AL Datasheet HTML 16Page - Sony Corporation ICX205AL Datasheet HTML 17Page - Sony Corporation ICX205AL Datasheet HTML 18Page - Sony Corporation ICX205AL Datasheet HTML 19Page - Sony Corporation ICX205AL Datasheet HTML 20Page - Sony Corporation ICX205AL Datasheet HTML 21Page - Sony Corporation ICX205AL Datasheet HTML 22Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
– 21 –
ICX205AL
b) If a load is applied to the entire surface by a hard component, bending stress may be generated and the
package may fracture, etc., depending on the flatness of the ceramic portions. Therefore, for installation,
use either an elastic load, such as a spring plate, or an adhesive.
c) The adhesive may cause the marking on the rear surface to disappear, especially in case the regulated
voltage value is indicated on the rear surface. Therefore, the adhesive should not be applied to this area,
and indicated values should be transferred to other locations as a precaution.
d) The upper and lower ceramic are joined by low melting point glass. Therefore, care should be taken not
to perform the following actions as this may cause cracks.
• Applying repeated bending stress to the outer leads.
• Heating the outer leads for an extended period with a soldering iron.
• Rapidly cooling or heating the package.
• Applying any load or impact to a limited portion of the low melting point glass using tweezers or other
sharp tools.
• Prying at the upper or lower ceramic using the low melting point glass as a fulcrum.
Note that the same cautions also apply when removing soldered products from boards.
e) Acrylate anaerobic adhesives are generally used to attach CCD image sensors. In addition, cyano-
acrylate instantaneous adhesives are sometimes used jointly with acrylate anaerobic adhesives.
(reference)
5) Others
a) Do not expose to strong light (sun rays) for long periods. For continuous using under cruel condition
exceeding the normal using condition, consult our company.
b) Exposure to high temperature or humidity will affect the characteristics. Accordingly avoid storage or
usage in such conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com