Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS2 Datasheet(PDF) 2 Page - Radiometrix Ltd

Part # AFS2
Description  500mW UHF RF power amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

AFS2 Datasheet(HTML) 2 Page - Radiometrix Ltd

  AFS2 Datasheet HTML 1Page - Radiometrix Ltd AFS2 Datasheet HTML 2Page - Radiometrix Ltd AFS2 Datasheet HTML 3Page - Radiometrix Ltd AFS2 Datasheet HTML 4Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Radiometrix Ltd.,
AFS2 data sheet
Page 2
User interface
Figure 3: AFS2 pin-out and dimension
Pin description
NOTES:
1.
This amplifier expects a 100mW power level to be output from the radio on transmit.
2.
The TXE line should be tied to the TR2M TXE input. When this line is asserted (low) the amplifier is
turned on (drawing 280-300mA) and the RF switching connects it between the module and the
aerial. When it is inactive (high or floating) a low loss path is provided for the rx signals, from aerial
to the module.
3.
If a low power transmit mode is needed, the receive path is bidirectional, and capable of carrying up
to 100mW of power. In this case the radio must be set to transmit, but the AFS2 pin TXE must be left
in the inactive (high) state.
4.
Following the return of TXE to inactive (high), the AFS2 remains in transmit mode for another 15mS,
to allow the output of the radio to ramp down, before changing over to receive mode.
5.
This unit requires a regulated +5v rail, during transmit, and during receive.
6.
This version cannot be used with in i1200 modem mode, unless a separate means of driving the
TXE pin is provided. (see relevant application notes)
7.
This is a 500mW output product. Good grounding (mount onto a groundplane and tack solder all can
walls to this), good quality aerials, properly mounted, and a low impedence power supply are
required if full performance is to be reliably obtained. If feasible, we recommend mounting the
module, and the board it is on, inside a metal enclosure, with the RF cable taken to a bulkhead
connector. All signal and power feeds should be filtered and/or decoupled.
Failure to observe these measures can cause modulation distortion ('recirculation' effects) or
instability. Also be aware of the effect that the strong RF fields generated by this device (and it's
aerial) can have upon other adjacent circuitry if this is not properly screened, filtered or otherwise
protected. Regulators, sensitive analogue circuitry, and microprocessors seem especially
interference prone.
Pin
Name
Function
RF
1
RF GND
RF Ground
2
Aerial
RF connection to aerial (50 Ω)
3
RF GND
RF Ground
User
1
Vcc
Regulated +5v supply, at <250mA
2
0V
Supply Ground
3
TXE
Transmit mode enable (active low, 100K pullup to +5v)
RF Module
1
RF GND
RF Ground
2
RF in/out
RF connection to radio module
3
RF GND
RF Ground



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com