Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS2 Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # AFS2
Description  500mW UHF RF power amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

AFS2 Datasheet(HTML) 3 Page - Radiometrix Ltd

  AFS2 Datasheet HTML 1Page - Radiometrix Ltd AFS2 Datasheet HTML 2Page - Radiometrix Ltd AFS2 Datasheet HTML 3Page - Radiometrix Ltd AFS2 Datasheet HTML 4Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Radiometrix Ltd.,
AFS2 data sheet
Page 3
Condensed specifications
Frequency
458MHz (standard)
Any 10MHz wide segment within 420-470MHz band
Transmitter
Output power
500mW +/- 1dB
(250mW by special order)
TX hold time
15mS after TXE goes high
TX spurii
<-40dBm
Receive path loss
<1dB (bi directional)
Supply
voltage
+5V regulated
Current
250mA transmit
<2mA receive (TXE high or floating)
Operating temperature
-20 to +70
°C (Storage -30 to +70 °C)
Size
33 x 23 x 9 mm
Spurious radiations
Compliant with ETSI EN 300 220-3 and EN 301 489-3
Interface
User
3 pin 0.1" pitch molex
RF Module
3 pin 0.1" pitch molex
RF
3 pin 0.1" pitch molex
Variants and ordering information
AFS2 is manufactured in the 458MHz as standard:
AFS2-458
Matching Transceiver:
TR2M-458-5-A (100mW, with TXE wire for modem operation)
TR2M-436.5-10-ARS (435MHz -438MHz Amateur Radio Satellite band Uplink usage)
Matching Transmitters
LMT2-458-10 (100mW)
TX2M-458-5 (100mW)
Other frequency variants can be supplied to individual customer requirements in the Any 10MHz
wide segment within 420-470MHz band.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com