Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # PLR
Description  NBFM Multi channel Data Packet Link Radios
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

PLR Datasheet(HTML) 4 Page - Radiometrix Ltd

  PLR Datasheet HTML 1Page - Radiometrix Ltd PLR Datasheet HTML 2Page - Radiometrix Ltd PLR Datasheet HTML 3Page - Radiometrix Ltd PLR Datasheet HTML 4Page - Radiometrix Ltd PLR Datasheet HTML 5Page - Radiometrix Ltd PLR Datasheet HTML 6Page - Radiometrix Ltd PLR Datasheet HTML 7Page - Radiometrix Ltd PLR Datasheet HTML 8Page - Radiometrix Ltd PLR Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Radiometrix Ltd
PLT/PLR Data Sheet
page 4
Figure 3: PLT footprint (top view)
Pin description – PLT
Pin
Name
Function
1a
Vcc
3.1 – 15V power supply (@ 10mW)
4.1 – 15V power supply (@ 100mW)
2a
0V
Ground
3a
TXE
Transmit Enable (active low)
4a
TXD
(link to 4b)
1b
CMD
Command mode select input
2b
DATA
Serial data out/in
3b
FLOW
Buffer full / busy output
4b
Tout
(link to 4a)
Notes:
1.
This pinout is very similar to the LMT radios but the serial data is on pin 2b (not 1b, which is here
used as the command mode select input )
2.
Serial programming is by an inverted, CMOS logic level, 9600 baud RS232 datastream applied to
the DATA pin (2b).
3.
TXE has a 100kΩ pullup to Vcc
4.
All pins are on an 0.1" grid
5.
In the 'off' state a PIN switch open circuits the RF output pin. There are no 'off' state spuri.
6.
10mW unit will operate (with marginally reduced specifications and lower (6-8mW) output power)
from a 3.0V rail. This must be well regulated and without noise or ripple, as in this state the unit's
internal regulator no longer operates, and provides no supply rejection.
7.
100mW versions should not be run continuously from supply voltages > 9v
8.
Do not exceed 3v logic levels on any input (4v for 100mW PLT units)
Application circuit
VCC (1a)
GND (2a)
(3a)
TXD (4a)
TXE
T
ransmit enable (active low)
3.1- 15V
Antenna
2
3
TXD
Vc c
SGD
4
6
7
8
9
5
PLT2
(0-3V)
Figure 4 : Typical RS232 interface for programming and data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com