Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # PLR
Description  NBFM Multi channel Data Packet Link Radios
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

PLR Datasheet(HTML) 1 Page - Radiometrix Ltd

  PLR Datasheet HTML 1Page - Radiometrix Ltd PLR Datasheet HTML 2Page - Radiometrix Ltd PLR Datasheet HTML 3Page - Radiometrix Ltd PLR Datasheet HTML 4Page - Radiometrix Ltd PLR Datasheet HTML 5Page - Radiometrix Ltd PLR Datasheet HTML 6Page - Radiometrix Ltd PLR Datasheet HTML 7Page - Radiometrix Ltd PLR Datasheet HTML 8Page - Radiometrix Ltd PLR Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Radiometrix Ltd
PLT/PLR Data Sheet
page 1
Features
Conforms to EN 300 220-3 and EN 301 489-3
High performance double superhet. PLL synthesizer with TCXO
SAW front-end filter
User interface speed: 9600bps for standard module
Usable range over 1km
Fully screened. Low profile
Re-programmable via RS232 interface
Low power requirements
Applications
Wireless handheld terminals
EPOS equipment, barcode scanners
Data loggers
Industrial telemetry and telecommand
In-building environmental monitoring and control
High-end security and fire alarms
DGPS systems
Vehicle data up/download
Heavy vehicle/machinery controls
Technical Summary
Operating frequency: 173.200 - 173.325MHz (UK band)
o
150.825 - 152.450MHz (Australian Band)
o
433.875 - 434.650MHz (EU band)
o
458.525 - 459.1MHz (UK band)
Other custom VHF and UHF bands
32 channels @ 25kHz channel spacing
Transmit power: +10dBm (10mW) / +20dBm (100mW)
Supply range: 3.1 – 15V (TX @ 10mW and RX), 4.1 – 15V (TX @ 100mW)
Current consumption: 34mA @ 10mW, 90mA @ 100mW (transmit) and 20mA (receive)
Data bit rate: 5kbps max. (standard module)
Receiver sensitivity: -118dBm (for 12 dB SINAD)
Serial configuration by inverted RS232 at 3V CMOS level
Evaluation platforms: NBEK + PL carrier
Inexperienced users of ISM band radio modules often
require a totally transparent interface. This can require
considerable processing power, and buffer memory,
to be provided in the radio device.
The more experienced user, on the other hand, may
not want to write a raw radio interface, but desires a
module that gives more control over the datastream
than a 'beginners' solution.
The PL radios represent such a compromise solution.
Figure 1: PLT2 transmitter and PLR2 receiver
NBFM Multi channel Data Packet Link Radios
Hartcran House, 231 Kenton Lane, Harrow, Middlesex, HA3 8RP, England
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233, www.radiometrix.com
Issue 2, 30 July 2012
PLT / PLR


Similar Part No. - PLR

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
PLR RALTRON-PLR Datasheet
139Kb / 1P
RF PLL Synthesizer
logo
Littelfuse
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
logo
Bourns Electronic Solut...
PLR BOURNS-PLR Datasheet
705Kb / 4P
PLR Series – Planar Transformer
01/24
logo
PREMO CORPORATION S.L
PLR01-40HA PREMO-PLR01-40HA Datasheet
212Kb / 3P
Linear chokes
logo
Protek Devices
PLR01210-300 PROTEC-PLR01210-300 Datasheet
440Kb / 5P
POLYMER PTC DEVICE
More results

Similar Description - PLR

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
NBFM Multi-channel UHF Transceiver
BHX2 RADIOMETRIX-BHX2 Datasheet
254Kb / 9P
NBFM Multi-channel 500mW UHF Transceiver
TLM2-458-5 RADIOMETRIX-TLM2-458-5 Datasheet
139Kb / 7P
NBFM Multi-channel 500mW UHF Transmitter
BHX2 RADIOMETRIX-BHX2_12 Datasheet
470Kb / 9P
NBFM Multi-channel 500mW UHF Transceiver
HMT2 RADIOMETRIX-HMT2 Datasheet
473Kb / 7P
NBFM Multi-channel 500mW UHF Transmitter
PLT2 RADIOMETRIX-PLT2 Datasheet
459Kb / 12P
NBFM Multi channel Data Packet Link Radios
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
NBFM Multi-channel UHF Transceiver
TX2M RADIOMETRIX-TX2M Datasheet
566Kb / 12P
UHF NBFM multi channel radio modules
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
500mW NBFM Multi-channel UHF Transceiver
TDL2A RADIOMETRIX-TDL2A Datasheet
581Kb / 11P
UHF Multi Channel Transparent Data Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com