Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9915 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9915
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9915 Datasheet HTML 17Page - Analog Devices AD9915 Datasheet HTML 18Page - Analog Devices AD9915 Datasheet HTML 19Page - Analog Devices AD9915 Datasheet HTML 20Page - Analog Devices AD9915 Datasheet HTML 21Page - Analog Devices AD9915 Datasheet HTML 22Page - Analog Devices AD9915 Datasheet HTML 23Page - Analog Devices AD9915 Datasheet HTML 24Page - Analog Devices AD9915 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Data Sheet
AD9915
Rev. A | Page 21 of 48
CLOCK INPUT (REF_CLK/REF_CLK)
REF_CLK/REF_CLK Overview
The AD9915 supports a number of options for producing the
internal SYSCLK signal (that is, the DAC sample clock) via the
REF_CLK/REF_CLK input pins. The REF_CLK input can be
driven directly from a differential or single-ended source. There
is also an internal phase-locked loop (PLL) multiplier that can
be independently enabled. However, the PLL limits the SYSCLK
signal between 2.4 GHz and 2.5 GHz operation. A differential
signal is recommended when the PLL is bypassed. A block
diagram of the REF_CLK functionality is shown in Figure 32.
Figure 32 also shows how the CFR3 control bits are associated
with specific functional blocks.
Figure 32. REF_CLK Block Diagram
The PLL enable bit is used to choose between the PLL path or
the direct input path. When the direct input path is selected,
the REF_CLK/REF_CLK pins must be driven by an external
signal source (single-ended or differential). Input frequencies
up to 3.5 GHz are supported.
Direct Driven REF_CLK/REF_CLK
With a differential signal source, the REF_CLK/REF_CLK pins
are driven with complementary signals and ac-coupled with 0.1 µF
capacitors. With a single-ended signal source, either a single-
ended-to-differential conversion can be employed or the
REF_CLK input can be driven single-ended directly. In either
case, 0.1 µF capacitors are used to ac couple both
REF_CLK/ REF_CLK pins to avoid disturbing the internal dc
bias voltage of ~1.35 V. See Figure 33 for more details.
The REF_CLK/REF_CLK input resistance is ~2.5 kΩ differential
(~1.2 kΩ single-ended). Most signal sources have relatively low
output impedances. The REF_CLK/REF_CLK input resistance
is relatively high; therefore, its effect on the termination impedance
is negligible and can usually be chosen to be the same as the
output impedance of the signal source. The bottom two examples
in Figure 33 assume a signal source with a 50 Ω output impedance.
Figure 33. Direct Connection Diagram
Phase-Locked Loop (PLL) Multiplier
An internal phase-locked loop (PLL) provides the option to use
a reference clock frequency that is significantly lower than the
system clock frequency. The PLL supports a wide range of
programmable frequency multiplication factors (8× to 255×) as
well as a programmable charge pump current and external loop
filter components (connected via the PLL LOOP_FILTER pin).
These features add an extra layer of flexibility to the PLL,
allowing optimization of phase noise performance and
flexibility in frequency plan development. The PLL is also
equipped with a PLL lock bit indicator (0x1B[24]).
The PLL output frequency range (fSYSCLK) is constrained to the
range of 2.4 GHz ≤ fSYSCLK ≤ 2.5 GHz by the internal VCO.
VCO Calibration
When using the PLL to generate the system clock, VCO
calibration is required to tune the VCO appropriately and
achieve good performance. When the reference input signal is
stable, the VCO cal enable bit in the CFR1 register, 0x00[24],
must be asserted. Subsequent VCO calibrations require that the
VCO calibration bit be cleared prior to initiating another VCO
calibration. VCO calibration must occur before DAC
calibration to ensure optimal performance and functionality.
REF_CLK
REF_CLK
2
7
2
LOOP_FILTER
58
DOUBLER ENABLE
CFR3[19]
55
54
DOUBLER
CLOCK EDGE
CFR3[16]
×2
÷ 1, 2, 4, 8
ENABLE
IN
PLL ENABLE
CFR3[18]
LOOP
FILTER
PLL
OUT
0
1
0
1
SYSCLK
INPUT DIVIDER
RESET CFR3[22]
INPUT DIVIDER RATIO
CFR3[21:20]
CHARGE
PUMP
DIVIDE
N
CFR3[15:8]
ICP
CFR3[5:3]
TERMINATION
REF_CLK
DIFFERENTIAL SOURCE,
DIFFERENTIAL INPUT
SINGLE-ENDED SOURCE,
DIFFERENTIAL INPUT
SINGLE-ENDED SOURCE,
SINGLE-ENDED INPUT
55
54
0.1µF
0.1µF
PECL,
LVPECL,
OR
LVDS
DRIVER
REF_CLK
55
54
50Ω
0.1µF
0.1µF
BALUN
(1:1)
REF_CLK
REF_CLK
REF_CLK
REF_CLK
55
54
0.1µF
0.1µF
50Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com