Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXD10PB Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # PXD10PB
Description  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10PB Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button PXD10PB Datasheet HTML 17Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 18Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 19Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 20Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 21Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 22Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 23Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 24Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Features
PXD10 Product Brief, Rev. 1
Freescale Semiconductor
21
•
Unique 9-bit vector for each of the possible 128 separate interrupt sources
•
Eight software-triggerable interrupt sources
•
16 priority levels with fixed hardware arbitration within priority levels for each interrupt source
•
Ability to modify the ISR or task priority.
— Modifying the priority can be used to implement the Priority Ceiling Protocol for accessing
shared resources.
•
External non-maskable interrupt directly accessing the main core critical interrupt mechanism
•
32 external interrupts
2.4.24
System Integration Unit (SIU)
The SIU controls MCU reset configuration, pad configuration, external interrupt, general purpose I/O
(GPIO), internal peripheral multiplexing, and the system reset operation.
The GPIO features the following:
•
Up to 4 levels of internal pin multiplexing, allowing exceptional flexibility in the allocation of
device functions for each package
•
Centralized general purpose input output (GPIO) control of up to 132 input/output pins (package
dependent)
•
All GPIO pins can be independently configured to support pull-up, pull down, or no pull
•
Reading and writing to GPIO supported both as individual pins and 16-bit wide ports
•
All peripheral pins can be alternatively configured as both general purpose input or output pins
except ADC channels which support alternative configuration as general purpose inputs
•
Direct readback of the pin value supported on all digital output pins through the SIU
•
Configurable digital input filter that can be applied to up to 14 general purpose input pins for noise
elimination on external interrupts
•
Register configuration protected against change with soft lock for temporary guard or hard lock to
prevent modification until next reset.
2.4.25
System Clocks and Clock Generation Modules
The system clock on the PXD10 can be derived from an external oscillator, an on-chip FMPLL, or the
internal 16 MHz oscillator.
•
The source system clock frequency can be changed via an on-chip programmable clock divider (
1
to
2).
•
Additional programmable peripheral bus clock divider ratio (
1 to 16)
•
The PXD10 has 2 on-chip FMPLLs—the primary module and an auxiliary module.
— Each features the following:
– Input clock frequency from 4 MHz to 16 MHz
– Lock detect circuitry continuously monitors lock status
– Loss Of Clock (LOC) detection for reference and feedback clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com