Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXD10PB Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # PXD10PB
Description  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10PB Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button PXD10PB Datasheet HTML 9Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 10Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 11Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 12Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 13Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 14Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 15Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 16Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Features
PXD10 Product Brief, Rev. 1
Freescale Semiconductor
13
•
16-bit modulus down counter with interrupt
2.4.8
Flash memory
The PXD10 microcontroller has the following flash memory features:
•
Up to 1 MB of burst flash memory
— Typical flash memory access time: 0 wait-state for buffer hits, 2 wait-states for page buffer miss
at 64 MHz
— Two 4 × 128-bit page buffers with programmable prefetch control
– One set of page buffers can be allocated for code-only, fixed partitions of code and data, all
available for any access
– One set of page buffers allocated to Display Controller Unit and the eDMA
— 64-bit ECC with single-bit correction, double-bit detection for data integrity
— 64 KB data flash memory — separate 4
 16 KB flash block for EEPROM emulation with
prefetch buffer and 128-bit data access port
•
Small block flash memory arrangement to support features such as boot block, operating system
block
•
Hardware managed flash memory writes, erase and verify sequence
•
Censorship protection scheme to prevent flash memory content visibility
•
Separate dedicated 64 KB data flash memory for EEPROM emulation
— Four erase sectors each containing 16 KB of memory
— Offers Read-While-Write functionality from main program space
— Same data retention and program erase specification as main program flash memory array
2.4.9
Static random-access memory (SRAM)
The PXD10 microcontrollers have up to 48 KB general-purpose on-chip SRAM with the following
features:
•
Typical SRAM access time: 0 wait-state for reads and 32-bit writes; 1 wait-state for 8- and 16-bit
writes if back to back with a read to same memory block
•
32-bit ECC with single-bit correction, double bit detection for data integrity
•
Supports byte (8-bit), half word (16-bit), and word (32-bit) writes for optimal use of memory
•
User transparent ECC encoding and decoding for byte, half word, and word accesses
•
Separate internal power domain applied to full SRAM block, 8 KB SRAM block during
STANDBY modes to retain contents during low power mode.
2.4.10
On-chip graphics SRAM
The PXD10 microcontroller has 160 KB on-chip graphics SRAM with the following features:
•
Usable as general purpose SRAM
•
Typical SRAM access time: 0 wait-state for reads and 32-bit writes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com