Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7247C Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT7247C
Description  2A, 18V, 800kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7247C Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT7247C Datasheet HTML 3Page - Richtek Technology Corporation RT7247C Datasheet HTML 4Page - Richtek Technology Corporation RT7247C Datasheet HTML 5Page - Richtek Technology Corporation RT7247C Datasheet HTML 6Page - Richtek Technology Corporation RT7247C Datasheet HTML 7Page - Richtek Technology Corporation RT7247C Datasheet HTML 8Page - Richtek Technology Corporation RT7247C Datasheet HTML 9Page - Richtek Technology Corporation RT7247C Datasheet HTML 10Page - Richtek Technology Corporation RT7247C Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RT7247C
7
DS7247C-02
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Output Voltage vs. Output Current
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Output Current (A)
VIN = 12V
VIN = 17V
VOUT = 3.3V
Typical Operating Characteristics
Switching Frequency vs. Temperature
720
730
740
750
760
770
780
790
800
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 17V
VIN = 12V
VIN = 4.5V
VOUT = 3.3V, IOUT = 0A
Output Voltage vs. Temperature
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
-50-25
0
25
50
75100
125
Temperature (°C)
VIN = 12V, VOUT = 3.3V
Switching Frequency vs. Input Voltage
740
750
760
770
780
790
800
810
820
4
6
8
10
1214
1618
Input Voltage (V)
VIN = 4.5V to 17V, VOUT = 3.3V, IOUT = 0A
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
00.5
11.5
2
Output Current (A)
VIN = 4.5V
VIN = 12V
VIN = 17V
VOUT = 3.3V
Output Voltage vs. Input Voltage
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
4
6
8
10
1214
1618
Input Voltage (V)
VIN = 4.5V to 17V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com