Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7247C Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT7247C
Description  2A, 18V, 800kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7247C Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT7247C Datasheet HTML 4Page - Richtek Technology Corporation RT7247C Datasheet HTML 5Page - Richtek Technology Corporation RT7247C Datasheet HTML 6Page - Richtek Technology Corporation RT7247C Datasheet HTML 7Page - Richtek Technology Corporation RT7247C Datasheet HTML 8Page - Richtek Technology Corporation RT7247C Datasheet HTML 9Page - Richtek Technology Corporation RT7247C Datasheet HTML 10Page - Richtek Technology Corporation RT7247C Datasheet HTML 11Page - Richtek Technology Corporation RT7247C Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
RT7247C
8
DS7247C-02
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (500ns/Div)
Output Ripple Voltage
VOUT
(5mV/Div)
VSW
(10V/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 1A
IL
(1A/Div)
UVLO Threshold vs. Temperature
3.4
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
-50-25
0
25
50
75100
125
Temperature (°C)
Rising
Falling
Output Current Limit vs. Temperature
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50-25
0
25
50
75100
125
Temperature (°C)
VIN = 12V, VOUT = 3.3V
Time (500ns/Div)
Output Ripple Voltage
VOUT
(5mV/Div)
VSW
(10V/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 2A
IL
(1A/Div)
Time (100
μs/Div)
Load Transient Response
VOUT
(200mV/Div)
IOUT
(1A/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 0A to 2A
Time (100
μs/Div)
Load Transient Response
VOUT
(200mV/Div)
IOUT
(1A/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 1A to 2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com