Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F205RB Datasheet(PDF) 156 Page - STMicroelectronics

Part # STM32F205RB
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RB Datasheet(HTML) 156 Page - STMicroelectronics

Back Button STM32F205RB Datasheet HTML 152Page - STMicroelectronics STM32F205RB Datasheet HTML 153Page - STMicroelectronics STM32F205RB Datasheet HTML 154Page - STMicroelectronics STM32F205RB Datasheet HTML 155Page - STMicroelectronics STM32F205RB Datasheet HTML 156Page - STMicroelectronics STM32F205RB Datasheet HTML 157Page - STMicroelectronics STM32F205RB Datasheet HTML 158Page - STMicroelectronics STM32F205RB Datasheet HTML 159Page - STMicroelectronics STM32F205RB Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 177 page
background image
Application block diagrams
STM32F20xxx
156/177
Doc ID 15818 Rev 9
Appendix A
Application block diagrams
A.1
Main applications versus package
Table 93 gives examples of configurations for each package.
Table 93.
Main applications versus package for STM32F2xxx microcontrollers
64 pins(1)
100 pins
144 pins
176 pins
Config
1
Config
2
Config
3
Config
1
Config
2
Config
3
Config
4
Config
1
Config
2
Config
3
Config
4
Config
1
Config
2
USB
OTG FS
OTG
FS
-
-
-
X
X
X
-X-X-X-
FS
-
-
-
XXXXXXXXX
-
USB
OTG HS
HS
ULPI
X
-
XX
-
-
-
XX
-
-
XX
OTG
FS
XXXX
-
-
-
XX
-
-
XX
FS
XXXXXXXXXXXXX
Ethernet
(2)
MII
-----
X
X
--
XXXX
RMII
----
XXXXXXXXX
SPI/I2S2
SPI/I2S3
-
X
-
-
XXXXXXXXX
SDIO
SDIO
X
X
-
SDIO
or
DCMI
SDIO
or
DCMI
SDIO
or
DCMI
X
SDIO
or
DCMI
X
SDIO
or
DCMI
XXX
DCMI(2)
8-bit
Data
---
X
X
X
X
X
10-bit
Data
---
X
X
X
X
X
12-bit
Data
---
X
X
X
X
X
14-bit
Data
--------
X
-
X
X
X
FSMC
NOR/
RAM
Muxed
-
-
-
XXXXXXXXXX
NOR/
RAM
-
-
-
XXXXXX
NAND
-
-
-
XXX
XXXXXXX
CF
-------
XXXXXX
CAN
-
X
X
-
XXX
-
-
XX
-
X
1.
Not available on STM32F2x7xx.
2.
Not available on STM32F2x5xx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com