Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F205RB Datasheet(PDF) 157 Page - STMicroelectronics

Part # STM32F205RB
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RB Datasheet(HTML) 157 Page - STMicroelectronics

Back Button STM32F205RB Datasheet HTML 153Page - STMicroelectronics STM32F205RB Datasheet HTML 154Page - STMicroelectronics STM32F205RB Datasheet HTML 155Page - STMicroelectronics STM32F205RB Datasheet HTML 156Page - STMicroelectronics STM32F205RB Datasheet HTML 157Page - STMicroelectronics STM32F205RB Datasheet HTML 158Page - STMicroelectronics STM32F205RB Datasheet HTML 159Page - STMicroelectronics STM32F205RB Datasheet HTML 160Page - STMicroelectronics STM32F205RB Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 177 page
background image
STM32F20xxx
Application block diagrams
Doc ID 15818 Rev 9
157/177
A.2
Application example with regulator OFF
Figure 84.
Regulator OFF/internal reset ON
1.
This mode is available only on UFBGA176 and WLCSP64+2 packages.
2.
In regulator bypass mode, PA0 is used as power-on reset. The connection between PA0 and NRST can consequently
prevent debug connection. If the debug connection under reset or pre-reset is required, the user must manage the reset
and the power-on reset separately.
Figure 85.
Regulator OFF/ internal reset OFF
1.
This mode is available only on WLCSP64+2 package.
REGOFF
VCAP_1
ai18476
VCAP_2
PA0
NRST
Application reset signal
(optional)
1.2 V
VDD
(1.8 to 3.6 V)
Power-down reset risen
after VCAP_1/VCAP_2 stabilization
REGOFF
VCAP_1
VCAP_2
PA0
1.2 V
VDD
(1.8 to 3.6 V)
Power-down reset risen
before VCAP_1/VCAP_2 stabilization
NRST
IRROFF
VDD
VDD
Application reset
signal (optional)
VCAP_1/2 monitoring
Ext. reset controller active
when VCAP_1/2 < 1.08 V
REGOFF
VCAP_1
ai18477
VCAP_2
NRST
1.2 V
IRROFF
VDD
(1.65 to 3.6 V)
VDD
1.2 V
VDD
VDD/VCAP_1/2 monitoring
Ext. reset controller active
when VDD < 1.65 V
and VCAP_1/2 < 1.08 V
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com