Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX128MA Datasheet(PDF) 5 Page - Sony Corporation

Part # ILX128MA
Description  5350-pixel X 6-line CCD Linear Sensor (Color)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX128MA Datasheet(HTML) 5 Page - Sony Corporation

  ILX128MA Datasheet HTML 1Page - Sony Corporation ILX128MA Datasheet HTML 2Page - Sony Corporation ILX128MA Datasheet HTML 3Page - Sony Corporation ILX128MA Datasheet HTML 4Page - Sony Corporation ILX128MA Datasheet HTML 5Page - Sony Corporation ILX128MA Datasheet HTML 6Page - Sony Corporation ILX128MA Datasheet HTML 7Page - Sony Corporation ILX128MA Datasheet HTML 8Page - Sony Corporation ILX128MA Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Unit
V/(lx · s)
%
%
V
lx · s
mV
mV
%
mA
%
Ω
V
mV
—
Remarks
Note 2
Note 3
Note 4
Note 5
Note 6
Note 7
Note 8
Note 9
Note 10
—
—
—
Note 11
Note 12
Note 13
Max.
2.47
5.59
3.38
15
15
—
—
—
—
—
2.0
5.0
—
50
—
—
7.7
200
—
Typ.
1.9
4.3
2.6
4
4
3
—
1.6
0.7
1.2
0.3
1.5
0.02
32
98
250
6.2
40
10000
Min.
1.33
3.01
1.82
—
—
2
2
× SEmin
0.8
0.4
0.6
—
—
—
—
92
—
4.7
—
1000
Symbol
RR
RG
RB
PRNU
PDF
VSAT
OE
SER
SEG
SEB
VDRK
DSNU
IL
IVDD
TTE
ZO
VOS
∆VOS
DR
Item
Red
Green
Blue
Red
Green
Blue
Electrooptical Characteristics (Note 1)
(Ta = 25°C, VDD = 12V, f
φRS = 2MHz, Input clock = 5Vp-p,
Light source = 3200K, IR cut filter CM-500S (t = 1mm))
Note)
1.
For each color, the black level of Main Line is defined as the average value of D24, D25 to D39, and the
black level of Sub Line is defined as the average value of D24', D25' to D39'. The following electrooptical
characteristics signal processing is performed.
2.
For the sensitivity test light is applied with a uniform intensity of illumination.
3.
PRNU is defined as indicated below. Ray incidence conditions are the same as for Note 2.
VOUT = 500mV (Typ.)
PRNU =
× 100 [%]
Where the maximum output of the effective pixels is set to VMAX, the minimum output to VMIN and the
average output to VAVE.
4.
PDF = (
∆VMAX/VAVE) × 100 [%]
Here, VAVE is defined as the average output, and
∆VMAX, the maximum value of ∆Vi in the range of the
following pixel.
Red, green, blue pixel arrangement PDF is when i = 1 to 5349. However, the definition of
∆Vi is as follows.
∆Vi = ABS {VOUT (i) – VOUT (i + 1)}
VOUT (i) is signal output of an effective pixel (i pixel) and VOUT (i + 1) is of the adjacent pixel (i + 1 pixel).
(VMAX – VMIN)/2
VAVE
Sensitivity
Sensitivity nonuniformity
Adjacent pixel difference
Saturation output voltage
Overflow exposure
Saturation exposure
Dark voltage average
Dark signal nonuniformity
Image lag
Current consumption
Total transfer efficiency
Output impedance
Offset level
Offset level difference
Dynamic range
– 5 –
ILX128MA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com