Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX128MA Datasheet (PDF) - Sony Corporation

ILX128MA Datasheet PDF - Sony Corporation
Part # ILX128MA
Download  ILX128MA Download
File Size   170.4 Kbytes
Page   15 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 5350-pixel X 6-line CCD Linear Sensor (Color)

ILX128MA Datasheet (PDF)

Go To PDF Page Download Datasheet
ILX128MA Datasheet PDF - Sony Corporation

Part # ILX128MA
Download  ILX128MA Click to download

File Size   170.4 Kbytes
Page   15 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 5350-pixel X 6-line CCD Linear Sensor (Color)

ILX128MA Datasheet (HTML) - Sony Corporation


ILX128MA Product details

Description
The ILX128MA is a reduction type CCD linear sensor developed for color image scanner, and has shutter function per each color. This sensor reads A3-size documents at a density of pseudo 800DPI, and reads A4-size at a density of pseudo 1200DPI.

Features
• Number of effective pixels: 32100 pixels (5350 pixels × 6)
• Pixel size: 6µm × 8µm (8µm pitch)
• Distance between line:
    48µm (6 lines: Rsub – Rmain,
    Rmain – Gsub, Gsub – Gmain,
    Gmain – Bsub, Bsub – Bmain)
• Single-sided readout
• Shutter function
• Ultra-high sensitivity/Ultra-low lag
• Supply voltage: Single 12V power supply
• Input clock pulse: CMOS 5V drive
• Number of output: 3 (R, G, B)
• Package: 24-pin Plastic-DIP




Similar Part No. - ILX128MA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX103A SONY-ILX103A Datasheet
100Kb / 12P
3000-pixel CCD Linear Image Sensor (B/W)
ILX115LA SONY-ILX115LA Datasheet
161Kb / 12P
5000-pixel X 3 line CCD Linear Sensor (Color)
ILX137K SONY-ILX137K Datasheet
121Kb / 13P
10700-pixel x 6-line CCD Linear Sensor (Color)
logo
List of Unclassifed Man...
ILX146K ETC1-ILX146K Datasheet
34Kb / 2P
The Industrys First Digital Copier CCD Linear Sensor with RGB Adjacent 3-Line Plus Monochrome 1-Line 7600-Pixel Sensors
More results


Similar Description - ILX128MA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX115LA SONY-ILX115LA Datasheet
161Kb / 12P
5000-pixel X 3 line CCD Linear Sensor (Color)
ILX518K SONY-ILX518K Datasheet
128Kb / 11P
5363-pixel X 3 line CCD Linear Sensor (Color)
ILX524KA SONY-ILX524KA Datasheet
119Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533K SONY-ILX533K Datasheet
129Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX535K SONY-ILX535K Datasheet
132Kb / 11P
5300 pixel X 3 line CCD Linear Sensor (Color)
ILX550K SONY-ILX550K Datasheet
150Kb / 11P
10680 pixel X 3 line CCD Linear Sensor (Color)
ILX718K SONY-ILX718K Datasheet
142Kb / 12P
5363-pixel X 3 line CCD Linear Sensor (Color)
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
2700-pixel X 3 line CCD Linear Sensor (Color)
ILX569K SONY-ILX569K Datasheet
113Kb / 13P
5340-pixel x 6 line CCD Linear Sensor (Color)
ILX137K SONY-ILX137K Datasheet
121Kb / 13P
10700-pixel x 6-line CCD Linear Sensor (Color)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com