Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8271 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8271
Description  2A, 24V, 1.2MHz Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8271 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8271 Datasheet HTML 7Page - Richtek Technology Corporation RT8271 Datasheet HTML 8Page - Richtek Technology Corporation RT8271 Datasheet HTML 9Page - Richtek Technology Corporation RT8271 Datasheet HTML 10Page - Richtek Technology Corporation RT8271 Datasheet HTML 11Page - Richtek Technology Corporation RT8271 Datasheet HTML 12Page - Richtek Technology Corporation RT8271 Datasheet HTML 13Page - Richtek Technology Corporation RT8271 Datasheet HTML 14Page - Richtek Technology Corporation RT8271 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT8271
13
DS8271-02 March 2011
www.richtek.com
Table 3. Suggested Capacitors for CIN and COUT
Component Supplier
Series
Dimensions (mm)
TDK
SLF12555T
12.5 x 12.5 x 5.5
TAIYO YUDEN
NR8040
8 x 8 x 4
TDK
SLF12565T
12.5 x 2.5 x 6.5
Table 2. Suggested Inductors for Typical Application Circuit
Component Supplier
Series
VRRM (V)
IOUT (A)
Package
DIODES
B330A
30
3
SMA
DIODES
B220A
20
2
SMA
PANJIT
SK22
20
2
DO-214AA
PANJIT
SK23
30
2
DO-214AA
Table 4. Suggested Diode
Location
Component Supplier
Part No.
Capacitance (
μF)
Case Size
CIN
MURATA
GRM31CR61E106K
10
1206
CIN
TDK
C3225X5R1E106K
10
1206
CIN
TAIYO YUDEN
TMK316BJ106ML
10
1206
COUT
MURATA
GRM32ER61E226M
22
1210
COUT
MURATA
GRM21BR60J226M
22
0805
COUT
TDK
C3225X5R0J226M
22
1210
COUT
TAIYO YUDEN
EMK325BJ226MM
22
1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com