Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8271 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8271
Description  2A, 24V, 1.2MHz Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8271 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8271 Datasheet HTML 1Page - Richtek Technology Corporation RT8271 Datasheet HTML 2Page - Richtek Technology Corporation RT8271 Datasheet HTML 3Page - Richtek Technology Corporation RT8271 Datasheet HTML 4Page - Richtek Technology Corporation RT8271 Datasheet HTML 5Page - Richtek Technology Corporation RT8271 Datasheet HTML 6Page - Richtek Technology Corporation RT8271 Datasheet HTML 7Page - Richtek Technology Corporation RT8271 Datasheet HTML 8Page - Richtek Technology Corporation RT8271 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT8271
2
DS8271-02 March 2011
www.richtek.com
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
RC (kΩ)
CC (nF)
L (
μH)
COUT (μF)
15
154
10
68
0.56
22
22
10
100
10
49.9
0.82
15
22
8
76.8
10
49.9
1
10
22
5
44.2
10
33
1.2
6.8
22
3.3
25.5
10
22
1.5
4.7
22
2.5
16.9
10
15
1.5
4.7
22
1.8
9.53
10
12
1.5
2.2
22
1.2
3
10
12
1.5
2.2
22
Table 1. Recommended Component Selection
Function Block Diagram
Typical Application Circuit
VIN
EN
GND
BOOT
FB
SW
L1
4.7µH
CBOOT
10nF
COUT
22µF/6.3V
R1
16.9k
R2
10k
VOUT
2.5V
CIN
10µF/25V
Chip Enable
VIN
4.75V to 24V
RT8271
D1
B230A
SS
CSS
10nF
COMP
CC
1.5nF
RC
15k
CP
NC
VA
+
-
+
-
+
-
UV
Comparator
Oscillator
1.2MHz/440kHz
Foldback
Control
0.5V
Internal
Regulator
+
-
1V
1µA
Shutdown
Comparator
Current Sense
Amplifier
BOOT
VIN
GND
SW
FB
EN
COMP
3V
10k
VA VCC
VCC
Slope Comp
Current
Comparator
SS
10µA
VCC
+
-
EA
0.92V
Gm = 920µA/V
+
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com