Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8280 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8280
Description  3A, 24V, 3MHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8280 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8280 Datasheet HTML 8Page - Richtek Technology Corporation RT8280 Datasheet HTML 9Page - Richtek Technology Corporation RT8280 Datasheet HTML 10Page - Richtek Technology Corporation RT8280 Datasheet HTML 11Page - Richtek Technology Corporation RT8280 Datasheet HTML 12Page - Richtek Technology Corporation RT8280 Datasheet HTML 13Page - Richtek Technology Corporation RT8280 Datasheet HTML 14Page - Richtek Technology Corporation RT8280 Datasheet HTML 15Page - Richtek Technology Corporation RT8280 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RT8280
13
DS8280-02 March 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
SOP-8 (Exposed Pad) packages, the thermal resistance,
θJA, is 75°C/W on a standard JEDEC 51-7 four-layer
thermal test board. The maximum power dissipation at
TA=25
°C can be calculated by the following formulas :
PD(MAX) = (125
°C − 25°C) / (75°C/W) = 1.333W
(min. copper area PCB layout)
PD(MAX) = (125
°C − 25°C) / (49°C/W) = 2.04W
(70mm2 copper area PCB layout)
The thermal resistance,
θJA, of SOP-8 (Exposed Pad) is
determined by the package architectural design and the
PCB layout design. The package architectural design is
fixed. However, it's possible to increase thermal
performance via better PCB layout copper design. The
thermal resistance,
θJA, can be decreased by adding
copper area under the exposed pad of the SOP-8
(Exposed Pad) package.
As shown in Figure 7, the amount of copper area to which
the SOP-8 (Exposed Pad) is mounted on affects thermal
performance. When mounted to the standard SOP-8
(Exposed Pad) (Figure 7a),
θJA is 75°C/W. Adding copper
area under the SOP-8 (Exposed Pad) (Figure 7b) reduces
θJA to 64°C/W. Further increasing the copper area to
70mm2 (Figure 7e) will reduce
θJA to 49°C/W.
The maximum power dissipation depends on operating
ambient temperature for fixed TJ (MAX) and thermal
resistance,
θJA. The derating curves in Figure 8 allow the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
Figure 7. Themal Resistance vs. Copper Area Layout
Design
(a) Copper Area = (2.3 x 2.3) mm2,
θJA = 75°C/W
(b) Copper Area = 10mm2,
θJA = 64°C/W
(c) Copper Area = 30mm2 ,
θJA = 54°C/W
(d) Copper Area = 50mm2 ,
θJA = 51°C/W
(e) Copper Area = 70mm2 ,
θJA = 49°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com