Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8280 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8280
Description  3A, 24V, 3MHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8280 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8280 Datasheet HTML 1Page - Richtek Technology Corporation RT8280 Datasheet HTML 2Page - Richtek Technology Corporation RT8280 Datasheet HTML 3Page - Richtek Technology Corporation RT8280 Datasheet HTML 4Page - Richtek Technology Corporation RT8280 Datasheet HTML 5Page - Richtek Technology Corporation RT8280 Datasheet HTML 6Page - Richtek Technology Corporation RT8280 Datasheet HTML 7Page - Richtek Technology Corporation RT8280 Datasheet HTML 8Page - Richtek Technology Corporation RT8280 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RT8280
2
DS8280-02 March 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT
Bootstrap Power. BOOT supplies the drive for the high side N-MOSFET switch.
Connect a 10nF or greater capacitor from SW to BOOT to power the high side
switch.
2
VIN
Supply Input. VIN supplies the power to the IC, as well as the step-down
converter switches. Drive VIN with a 4.5V to 24V power source. Bypass VIN to
GND with a suitably large capacitor to eliminate noise on the input to the IC.
3
SW
Switch Node. SW is the switching node that supplies power to the output.
Connect the output LC filter from SW to the output load. Note that a capacitor is
required from SW to BOOT to power the high side switch.
4,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
5
FB
Feedback Input. FB senses the output voltage to regulate. Drive FB with a
resistive voltage divider from the output voltage.
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop.
Connect a series RC network from COMP to GND to compensate the regulation
control loop. In some cases, an additional capacitor from COMP to GND is
required.
7
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN
higher than 1.4V to turn on the regulator, lower than 0.4V to turn off. For
automatic startup, leave EN unconnected.
8
RT
Oscillator Resistor Input. Connecting a resistor to ground from this pin sets the
switching frequency.
Table 1. Recommended Component Selection for fSW = 2.2MHz
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
RC (kΩ)
C C (nF)
L (
μH)
COUT (μF)
10
115
10
68
0.82
8.2
22
8
91
10
51
1
6.8
22
5
52.3
10
36
1.2
4.7
22
3.3
31.6
10
24
1.8
2.2
22
2.5
21.5
10
18
2.2
2
22
1.8
12.4
10
13
2.2
1.5
22
1.5
8.87
10
12
2.2
1.5
22
1.2
4.99
10
9
1.8
1
22
Typical Application Circuit
4.5V to 24V
NC
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L
2.2µH
10nF
22µF
R1
31.6k
R2
10k
VOUT
3.3V/3A
10µF
Chip Enable
VIN
RT8280
B330A
RT
8
RRT
24k
COMP
CC
1.8nF
RC
24k
CP
6
4,
9 (Exposed Pad)
CBOOT
COUT
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com