Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEMM9SF Datasheet(PDF) 67 Page - ITT Industries

Part # DEMM9SF
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMM9SF Datasheet(HTML) 67 Page - ITT Industries

Back Button DEMM9SF Datasheet HTML 63Page - ITT Industries DEMM9SF Datasheet HTML 64Page - ITT Industries DEMM9SF Datasheet HTML 65Page - ITT Industries DEMM9SF Datasheet HTML 66Page - ITT Industries DEMM9SF Datasheet HTML 67Page - ITT Industries DEMM9SF Datasheet HTML 68Page - ITT Industries DEMM9SF Datasheet HTML 69Page - ITT Industries DEMM9SF Datasheet HTML 70Page - ITT Industries DEMM9SF Datasheet HTML 71Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
66
D Subminiature
Combo D
40 A High Power Straight — Standard PC Tails (Sizes DE-DC)
Screw lock, boardlock and high power contact
removed for clarity
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Part Numbers with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMV5H1PNK87
DEMZ5H1PNK87
DEMN5H1PNK87
DA
7W2
DAMV7H2PNK87
DAMZ7H2PNK87
DAMN7H2PNK87
DA
11W1
DAMV11H1PNK87
DAMZ11H1PNK87
DAMN11H1PNK87
DA
3W3
DAMV3H3PNK87
DAMZ3H3PNK87
DAMN3H3PNK87
DA
3WK3
DAMV3HK3PNK87TM
DAMZ3HK3PNK87TM
DAMN3HK3PNK87TM
DB
5W5
DBMV5H5PNK87
DBMZ5H5PNK87
DBMN5H5PNK87
DB
9W4
DBMV9H4PNK87
DBMZ9H4PNK87
DBMN9H4PNK87
DB
13W3
DBMV13H3PNK87
DBMZ13H3PNK87
DBMN13H3PNK87
DB
17W2
DBMV17H2PNK87
DBMZ17H2PNK87
DBMN17H2PNK87
DB
21W1
DBMV21H1PNK87
DBMZ21H1PNK87
DBMN21H1PNK87
DC
8W8
DCMV8H8PNK87
DCMZ8H8PNK87
DCMN8H8PNK87
DC
13W6
DCMV13H6PNK87
DCMZ13H6PNK87
DCMN13H6PNK87
DC
17W5
DCMV17H5PNK87
DCMZ17H5PNK87
DCMN17H5PNK87
DC
21WA4
DCMV21HA4PNK87
DCMZ21HA4PNK87
DCMN21HA4PNK87
DC
25W3
DCMV25H3PNK87
DCMZ25H3PNK87
DCMN25H3PNK87
DC
27W2
DCMV27H2PNK87
DCMZ27H2PNK87
DCMN27H2PNK87
Note: For contacts with 30 microinches gold substitute K127 for K87. Example: DEMV5H1PNK127
For DD shell sizes, see page 68.
Keyed.
A
C
B
E
D
10
°
4,65
(.183)
7,62
± 0,25
(.300
± .010)
6,50
± 0,25
(.256
± .010)
Ø 3,18
(.125)
Ø 0,76
(.030)
2,92
(.115)
BOARDLOCK
SCREW LOCK
#4-40 UNC
4,52 (.178)
STANDOFF
#4-40 UNC
W
F
2,84
(.112)
L
Plug
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see pages 254-255.
For panel cutouts, see page 221.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com