Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEMM9SF Datasheet(PDF) 88 Page - ITT Industries

Part # DEMM9SF
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMM9SF Datasheet(HTML) 88 Page - ITT Industries

Back Button DEMM9SF Datasheet HTML 84Page - ITT Industries DEMM9SF Datasheet HTML 85Page - ITT Industries DEMM9SF Datasheet HTML 86Page - ITT Industries DEMM9SF Datasheet HTML 87Page - ITT Industries DEMM9SF Datasheet HTML 88Page - ITT Industries DEMM9SF Datasheet HTML 89Page - ITT Industries DEMM9SF Datasheet HTML 90Page - ITT Industries DEMM9SF Datasheet HTML 91Page - ITT Industries DEMM9SF Datasheet HTML 92Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
87
D Subminiature
Combo D
Cable (Size 8) Loose Contacts — Coaxial 50 Ohm — 90
°
90
° Crimp Braid
Note: Dimensions include outer sleeve.
Plug
Receptacle
Part Number
Gold Over Nickel
Part Number
50 in. Gold Over Copper
A
max.
B
max.
C
D
±0,13 (.005)
RG Cable Number
Old
New
Plug
DM53741
DM53741-12
13,46 (.530)
18,92 (.745)
15,10 (.594)
1,14 (.045)
196/U
178B/U
Plug
DM53741-1
DM53741-11
13,46 (.530)
18,92 (.745)
15,10 (.594)
1,83 (.072)
187/U
188/U
179B/U
316B/U
Plug
DM53741-3
DM53741-10
13,46 (.530)
18,92 (.745)
16,00 (.630)
2,79 (.110)
195/U
180B/U
Plug
DM53741-4
DM53741-13
13,46 (.530)
18,92 (.745)
16,00 (.630)
3,18 (.125)
58/U
58B/U
Receptacle
DM53743-2
DM53743-18
13,46 (.530)
18,92 (.745)
15,09 (.594)
1,14 (.045)
196/U
178B/U
Receptacle
DM53743-3
DM53743-16
13,46 (.530)
18,92 (.745)
15,09 (.594)
1,83 (.072)
187/U
188/U
179B/U
316B/U
Receptacle
DM53743-5
DM53743-17
13,46 (.530)
18,92 (.745)
16,00 (.630)
2,79 (.110)
195/U
180B/U
Receptacle
DM53743-6
DM53743-19
13,46 (.530)
18,92 (.745)
16,00 (.630)
3,18 (.125)
58/U
58B/U
For crimp tooling, see page 89.
90
° Solder Braid
Plug
Receptacle
Part Number
Gold Over Nickel
Part Number
50 in. Gold Over Copper
A
max.
B
max.
C
D
min.
RG Cable Number
Old
New
Plug
DM53741-5000
DM53741-5059
13,46 (.530)
18,92 (.745)
15,10 (.594)
1,00 (.040)
196/U
178B/U
Plug
DM53741-5001
DM53741-5062
13,46 (.530)
18,92 (.745)
15,10 (.594)
1,70 (.067)
187/U
188/U
179B/U
316B/U
Plug
DM53741-5003
DM53741-5063
13,46 (.530)
18,92 (.745)
16,00 (.630)
2,79 (.110)
195/U
180B/U
Plug
DM53741-5004
DM53741-5060
13,46 (.530)
18,92 (.745)
16,00 (.630)
3,18 (.125)
58/U
58/U
Receptacle
DM53743-5000
DM53743-5073
13,46 (.530)
18,92 (.745)
15,09 (.594)
1,00 (.040)
196/U
178B/U
Receptacle
DM53743-5001
DM53743-5076
13,46 (.530)
18,92 (.745)
15,09 (.594)
1,70 (.067)
187/U
188/U
179B/U
316B/U
Receptacle
DM53743-5003
DM53743-5077
13,46 (.530)
18,92 (.745)
16,00 (.630)
2,79 (.110)
195/U
180B/U
Receptacle
DM53743-5004
DM53743-5074
13,46 (.530)
18,92 (.745)
16,00 (.630)
3,18 (.125)
58/U
58B/U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com