Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8293A Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8293A
Description  3A, 23V, 340kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8293A Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8293A Datasheet HTML 7Page - Richtek Technology Corporation RT8293A Datasheet HTML 8Page - Richtek Technology Corporation RT8293A Datasheet HTML 9Page - Richtek Technology Corporation RT8293A Datasheet HTML 10Page - Richtek Technology Corporation RT8293A Datasheet HTML 11Page - Richtek Technology Corporation RT8293A Datasheet HTML 12Page - Richtek Technology Corporation RT8293A Datasheet HTML 13Page - Richtek Technology Corporation RT8293A Datasheet HTML 14Page - Richtek Technology Corporation RT8293A Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT8293A
13
DS8293A-03 March 2011
www.richtek.com
(d) Copper Area = 50mm
2 ,
θJA = 51°C/W
(e) Copper Area = 70mm
2 ,
θJA = 49°C/W
Figure 6. Themal Resistance vs. Copper Area Layout
Design
Layout Consideration
Follow the PCB layout guidelines for optimal performance
of the RT8293A.
}
Keep the traces of the main current paths as short and
wide as possible.
}
Put the input capacitor as close as possible to the device
pins (VIN and GND).
}
SW node is with high frequency voltage swing and should
be kept at small area. Keep analog components away
from the SW node to prevent stray capacitive noise pick-
up.
}
Connect feedback network behind the output capacitors.
Keep the loop area small. Place the f eedback
components near the RT8293A.
}
Connect all analog grounds to a command node and
then connect the command node to the power ground
behind the output capacitors.
}
An example of PCB layout guide is shown in Figure 8 for
reference.
Figure 8. PCB Layout Guide
VIN
VOUT
GND
CIN
GND
CP
CC
RC
SW
VOUT
COUT
L1
R1
R2
Input capacitor must
be placed as close
to the IC as possible.
SW should be connected to inductor by
wide and short trace. Keep sensitive
components away from this trace.
The feedback components
must be connected as close
to the device as possible.
BOOT
VIN
SW
GND
SS
EN
FB
COMP
GND
2
3
4
5
6
7
8
9
CS
RS*
CS*
GND
VIN
REN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com