Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8296B Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8296B
Description  3A, 23V, 1.2MHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8296B Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8296B Datasheet HTML 7Page - Richtek Technology Corporation RT8296B Datasheet HTML 8Page - Richtek Technology Corporation RT8296B Datasheet HTML 9Page - Richtek Technology Corporation RT8296B Datasheet HTML 10Page - Richtek Technology Corporation RT8296B Datasheet HTML 11Page - Richtek Technology Corporation RT8296B Datasheet HTML 12Page - Richtek Technology Corporation RT8296B Datasheet HTML 13Page - Richtek Technology Corporation RT8296B Datasheet HTML 14Page - Richtek Technology Corporation RT8296B Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT8296B
13
DS8296B-03
March 2011
www.richtek.com
(a) Copper Area = (2.3 x 2.3) mm
2,
θJA = 75°C/W
(b) Copper Area = 10mm
2,
θJA = 64°C/W
(c) Copper Area = 30mm
2 ,
θJA = 54°C/W
(d) Copper Area = 50mm
2 ,
θJA = 51°C/W
(e) Copper Area = 70mm
2 ,
θJA = 49°C/W
Figure 6. Themal Resistance vs. Copper Area Layout
Design
Layout Consideration
For best performance of the RT8296B, the following layout
guidelines must be strictly followed.
}
Input capacitor must be placed as close to the IC as
possible.
}
SW should be connected to inductor by wide and short
trace. Keep sensitive components away from this trace.
}
The feedback components must be connected as close
to the device as possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com