Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG114AIRGVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LOG114AIRGVT
Description  LOG114EVM User Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG114AIRGVT Datasheet(HTML) 3 Page - Texas Instruments

  LOG114AIRGVT Datasheet HTML 1Page - Texas Instruments LOG114AIRGVT Datasheet HTML 2Page - Texas Instruments LOG114AIRGVT Datasheet HTML 3Page - Texas Instruments LOG114AIRGVT Datasheet HTML 4Page - Texas Instruments LOG114AIRGVT Datasheet HTML 5Page - Texas Instruments LOG114AIRGVT Datasheet HTML 6Page - Texas Instruments LOG114AIRGVT Datasheet HTML 7Page - Texas Instruments LOG114AIRGVT Datasheet HTML 8Page - Texas Instruments LOG114AIRGVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
+
OPA365
C2
100 nF
VCC
+5 V
R9
4.02 kW
R10
1 kW
2.5 V
from LOG114 VREF
VBIAS
I
=
REF
(2.5 V
2 V)
1 M
-
W
= 500 nA
I
I
2
1
V
=
LOGOUT
0.375 LOG
10
·
+ 2 V
( (
www.ti.com
LOG114EVM
2
LOG114EVM
The LOG114EVM comes completely assembled and constructed to operate on a single 5-V power supply.
The circuit used in the LOG114EVM is designed to operate over a wide range of input currents (10 nA to
10 mA) and scales the output voltage from 1.15 V to 2.75 V. There are three distinct sections to the
LOG114EVM circuit: a precision level shifter, the signal path, and the high-current linearity correction
section. Each section is described below to familiarize you with the circuit functionality and operation.
2.1
Level Shifter
A precision level shifter is required to operate the LOG114 on a single power supply. On the
LOG114EVM, the level shifter circuit is constructed by deriving a bias voltage of 2 V from the 2.5-V
voltage reference internal to the LOG114. This level shift of 2 V is required to keep the nodes internal to
the LOG114 properly biased when operating from a single power supply. Resistors R9 and R10 form a
voltage divider that is then buffered by the OPA365 amplifier. The output of the OPA365 is a fixed voltage
of 2 V, independent of the power-supply voltage or input signal. C2 is used to bypass the power supply for
the OPA365. The level shifter circuit is shown in Figure 2.
Figure 2. LOG114EVM Level Shifter
2.2
Signal Path
The LOG114 has two inputs, I
1 and I2. Input I1 is used for the input signal (usually from a photodiode) and
I
2 is a fixed-current reference signal. This fixed-current reference signal is derived from the 2.5-V voltage
reference internal to the LOG114 and the 2-V output from the level shifter. The reference current into I
2 is
given by Equation 1.
(1)
The input current must flow into I
1 and comes directly from the anode of a photodiode. In non-optical
applications, the input current could also be derived from a resistor, or a variety of other sources (see
Section 3.4). For proper operation, each input to the LOG114 (I
1 and I2) requires the current to flow into
the LOG114.
The output from the LOG114 amplifier A3 is called V
LOGOUT. The relationship between VLOGOUT, I1 and I2,
and the bias voltage generated by the level shifter is described by Equation 2.
(2)
3
SBOU110
– September 2011
LOG114EVM User Guide
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com