Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG114AIRGVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LOG114AIRGVT
Description  LOG114EVM User Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG114AIRGVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button LOG114AIRGVT Datasheet HTML 6Page - Texas Instruments LOG114AIRGVT Datasheet HTML 7Page - Texas Instruments LOG114AIRGVT Datasheet HTML 8Page - Texas Instruments LOG114AIRGVT Datasheet HTML 9Page - Texas Instruments LOG114AIRGVT Datasheet HTML 10Page - Texas Instruments LOG114AIRGVT Datasheet HTML 11Page - Texas Instruments LOG114AIRGVT Datasheet HTML 12Page - Texas Instruments LOG114AIRGVT Datasheet HTML 13Page - Texas Instruments LOG114AIRGVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
+ VIN
I
I
2
1
V
=
LOGOUT
0.375 LOG
10
·
+ 2 V + I 50
1
W
·
( (
I
I
2
1
V
= [
LOG
0.375 LOG
10
·
+ I 50
]
1
W
·
· 0.3 V/V + 2 V
( (
(I 3)
1 k
1
W
·
2
21.5 kW
+
5 kW
·
V
= 2 +
ERR
V
= 2 V
V
OUT
LOG
ERR
-
·
Connecting to the LOG114EVM
www.ti.com
In the case where I
1 = 500 nA = IREF, the VLOGOUT terminal is equal to the level shifting bias voltage of 2 V
and the V
OUT terminal is equal to 1.5 V. The circuit in Figure 10, while convenient for creating an input
current, does not take advantage of the high-current linearity correction circuitry. To use this circuitry, a
second power supply must be used and configured as shown in Figure 11.
Figure 11. Using a Resistor and the High Current Linearity Correction Circuitry
Changing the input voltage or the resistor value changes the input current I
1 (I1 = VIN/R) and results in a
change for the V
LOGOUT terminal voltage according to Equation 5.
(5)
For input currents less than 1 mA, this equation simplifies to Equation 2.
The voltage at the V
LOG terminal is given by Equation 6:
(6)
The voltage at the V
ERR terminal is given by Equation 7:
(7)
The voltage at the V
OUT terminal is given by Equation 8:
(8)
10
LOG114EVM User Guide
SBOU110
– September 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com