Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWHW60G-0202-T-R Datasheet(PDF) 21 Page - Texas Instruments

Part # AWHW60G-0202-T-R
Description  Multi-Cal-System Evaluation Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AWHW60G-0202-T-R Datasheet(HTML) 21 Page - Texas Instruments

Back Button AWHW60G-0202-T-R Datasheet HTML 17Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 18Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 19Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 20Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 21Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 22Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 23Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 24Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Connect universal
9V supply
Three power LEDs
will illuminate
Connect USB port
to the PC
The computer may respond
with these messages
www.ti.com
Starter System Setup
Figure 20 shows the connection of the 9-V power supply to the USB DAQ Platform. When you connect
power, three LEDs on the USB DAQ Platform illuminate. If the LEDs do not illuminate, check the power
connections.
Figure 20. Universal 9-V Supply to USB DAQ Platform
Figure 21 shows the connection of the USB cable to the USB DAQ Platform. When you make this
connection, it is recommended that you first turn your computer sound on. When the cable is plugged in,
you should hear the distinctive Microsoft® Windows® sound that indicates a bew USB device was
recognized. The USB DAQ Platform uses the HID drivers included in the Windows operating system. In
some cases, Windows may display messages the first time the EVM is plugged in (as shown here).
Figure 21. Connect USB Cable to USB DAQ Platform
21
SBOU087A
– August 2010 – Revised April 2011
Multi-Cal-System Evaluation Module
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com