Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWHW60G-0202-T-R Datasheet(PDF) 31 Page - Texas Instruments

Part # AWHW60G-0202-T-R
Description  Multi-Cal-System Evaluation Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AWHW60G-0202-T-R Datasheet(HTML) 31 Page - Texas Instruments

Back Button AWHW60G-0202-T-R Datasheet HTML 27Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 28Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 29Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 30Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 31Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 32Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 33Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 34Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
www.ti.com
Bill of Materials
Table 5. Multi-Cal-System EVM Board Parts List (continued)
No.
Qty
Ref Des
Description
Vendor
Part Number
26
1
U60
IC .5 A Neg Adj Lin
Texas Instruments
UCC384DP-ADJ
LDO Reg 8SOIC
27
1
U6
IC LDO Reg 150 mA 5
Texas Instruments
TL750L05CKTTR
V D2PAK-3 TO-263
28
1
U5
IC 8 V 150 mA LDO
Texas Instruments
TL750L08CD
Reg 8-SOIC
29
8
U005, U105,
IC SGL 2 in Pos-AND
Texas Instruments
SN74AHC1G08DBVR
U205, U305,
Gate SOT23-5
U405, U505,
U605, U705
30
8
U006, U106,
IC Single Inverter Gate
Texas Instruments
SN74AHC1G04DBVR
U206, U306,
SOT23-5
U406, U506,
U606, U706
31
2
U811, U812
IC Quad 2-In NOR
Texas Instruments
SN74HC02D
Gate 14-SOIC
32
2
U813, U814
IC QUAD 2-Input AND
Texas Instruments
SN74HC08D
GatE 14-SOIC
33
1
U35
IC OCT D-Type F-F
Texas Instruments
SN74HC273DBR
W/Clr 20-SSOP
34
8
D0, D1, D2, D3,
LED RED T1-3/4 Rt
CML Innovative Technologies
5307H1
D4, D5, D6, D7
Ang PCB
35
2
D10, D11
Diode TVS 16 V 400 W
Littelfuse Inc
SMAJ16A
Uni 5% SMA
36
2
D20, D21
TVS 400 W 11 V
Littelfuse Inc
SMAJ11A-TP
Unidirect SMA
37
1
D17
Diode TVS 9.0V 400 W
Littelfuse Inc
SMAJ9.0A
Uni 5% SMA
38
1
D16
Diode TVS 6.0V 400 W
Littelfuse Inc
SMAJ6.0A
Uni 5% SMA
39
5
D12, D8, D9,
Diode Schottky 100 V 5
Diodes Inc
PDS5100H-13
D14, D15
A PowerDI5
40
3
Fuse1, Fuse2,
PTC Reset 30 V .200 A
Littelfuse Inc
1210L020WR
Fuse3
SMD 1210
41
2
L2, L3
Inductor Unshield 100
JW Miller A Bourns Company
PM54-101K-RC
μH .52A SMD
42
2
F1, F2
Ferrite Chip 120
Ω
Murata Electronics North
BLM31PG121SN1
3000 mA 1206
America
43
2
J0, J1
Conn DB37 MALE
Norcomp Inc.
182-037-113R531
.318
" R/A NICKEL
44
1
J9
Conn D-SUB Plug R/A
AMP/Tyco Electronics
1734352-1
9 Pos Gold/FL
45
1
J102
Conn D-SUB Rcpt R/A
AMP/Tyco Electronics
5747846-4
25 Pos 30 Gold (With
Threaded Inserts and
Board locks)
46
1
J101
Conn D-SUB Plug R/A
AMP/Tyco Electronics
5747842-4
25 Pos 30GOLD (With
Threaded Inserts and
Board locks)
47
1
J8
Conn Header Low-Pro
Assmann Electronics Inc
AWHW60G-0202-T-R
60 Pos Gold
48
8
CH_ON,
Connector
OMIT
OMIT
CH_OFF, MBIT,
SPI_SCK,
SPI_CS, SPI_IO,
ONE, Vout,
GND_SEN
31
SBOU087A
– August 2010 – Revised April 2011
Multi-Cal-System Evaluation Module
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com