Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82536070 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 82536070
Description  0603 SMD VARISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

82536070 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  82536070 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 82536070 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 82536070 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 82536070 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 82536070 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Artikelnummer / part number :
82536070
Datum / Date :
31.07.06
Bezeichnung :
description :
0603 SMD VARISTOR
Lead Free
SMD size:
0603
A Mechanische Abmessungen / dimensions :
SIZE
(Unit : mm)
B Elektrische Eigenschaften / electrical properties :
TECHNICAL DATA
Clamping
Peak
Breakdown
Voltage
Current
Voltage
AC
DC
V (*2)
A (*3)
J (*4)
V (*1)
pF (*4)
82536070
7
9
30
30
0.1
13.5
200
* 1 The varistor voltage was measured at 1 mA current , tolerance at 12~18V(+-15%),exceed 22V (+-10%)
Or tolerance to specify at :
+/-20%
* 2 The Clamping voltage tolerance at 12~18V(+-15%),exceed 22V (+-10%).
Clamping voltage measured at standard current (A) :
1.0 A
* 3 The Peak Current was tested at 8/20 us waveform
* 4. The capacitance value and Energy only for customer reference, it’s not formal specification
Capacitance value measured at standard frequency :
1 MHz
SURGE LEVEL IEC61000-4-5
Severity Level
(kV)
1
0,5
2
1
3
2
4
4
X
Special
Wave during
T1
T2
8/20 s
8 s
20 s
10/700 s CCITT
10 s
700 s
10/1000 s
10 s
1000 s
REFERENCE DATA
Response time
Trise
<
1
ns
Leakage current at Vv × 80%
I v v
<
50
uA
Leakage current at Vv × 80% (After reliability Test)
I v v A
<
200
uA
Operating ambient temperature
-40~+85
℃
Storage temperature
-50~+125
℃
Max. temperature solder
260
℃
OTHER DATA
Body
ZnO
End termination
Ag/Ni/Sn
Packaging
Reel
Complies with Standard
IEC61000-4-5
Procedure
Solgel
Marking
None
Spezifikation für Freigabe / specification for release
Energy
http://www.we-online.com
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
ROHS Compliant
Working
Voltage
Part Number
Capacitance
0603
Kunde / customer :
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
SISE
W
L
T
a
402
0.5
1.0
0.6
0.25
603
0.8
1.6
0.9
0.3
805
1.25
2.0
1.2
0.3
1206
1.6
3.2
1.5
0.5
1210
2.5
3.2
1.5
0.5
1812
3.2
4.5
2.0
0.5
2220
5.0
5.7
2.5
0.5
PAGE/SEITE 1 - TO/VON 5


Similar Part No. - 82536070

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82536040 WURTH-82536040 Datasheet
281Kb / 5P
0603 SMD VARISTOR
More results

Similar Description - 82536070

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82536040 WURTH-82536040 Datasheet
281Kb / 5P
0603 SMD VARISTOR
82536110 WURTH-82536110 Datasheet
281Kb / 5P
0603 SMD VARISTOR
82536140 WURTH-82536140 Datasheet
281Kb / 5P
0603 SMD VARISTOR
82556060 WURTH-82556060 Datasheet
165Kb / 5P
0603 SMD VARISTOR
82556140 WURTH-82556140 Datasheet
165Kb / 5P
0603 SMD VARISTOR
82556170 WURTH-82556170 Datasheet
165Kb / 5P
0603 SMD VARISTOR
82556200 WURTH-82556200 Datasheet
165Kb / 5P
0603 SMD VARISTOR
82556250 WURTH-82556250 Datasheet
165Kb / 5P
0603 SMD VARISTOR
82556300 WURTH-82556300 Datasheet
165Kb / 5P
0603 SMD VARISTOR
logo
Vishay Siliconix
MLV0603E3 VISHAY-MLV0603E3 Datasheet
81Kb / 3P
SMD 0603 Multilayer Varistor
22-Apr-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com