Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82536070 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 82536070
Description  0603 SMD VARISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

82536070 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  82536070 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 82536070 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 82536070 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 82536070 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 82536070 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Artikelnummer / part number :
82.536.070
Bezeichnung :
description :
0603 SMD VARISTOR
SMD size:
0603
BASIC TEST
Characteristics
ENVIRONMENTAL RELIABILITY TEST
High Temperature Storage
Step
Temperature
Period
1
-40±3℃
30Min±3
2
Room
Temperature
1~2 hours
3
85±2℃
30Min±3
4
Room
Temperature
1~2 hours
Freigabe erteilt /
Kunde / customer
general release:
Datum / date
Unterschrift / signature
JP. PENLOU
High Temperature Load
06-07-31
Würth Elektronik
JP. PENLOU
New P/N
06-06-02
JP. PENLOU
Operating temp. Range
05-11-30
JP. PENLOU
Lead free soldering
05-11-04
Geprüft / checked
2006-06-02
Kontrolliert / approved
JP. Penlou
Name
Änderung / modification
Datum / date
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Test method and description
The specimen shall be subjected to 125 ± 2℃ for 1000 ± 12 hours in a thermostatic bath without load and
then stored at room temperature and humidity for 1 to 2 hours. The change of varistor voltage shall be
within 10 ﹪.
Low Temperature Storage
After being continuously applied the maximum allowable voltage at 85 ± 2℃ for 1000± 2 hours, the
specimen shall be stored at room temperature and humidity for one or two hours, the change of varistor
voltage shall be within 10﹪.
The specimen should be subjected to 40 ± 2℃, 90 to 95 ﹪RH environment , and the maximum allowable
voltage applied for 1000 hours, then stored at room temperature and humidity for one or two hours. the
change of varistor voltage shall be within 10﹪
The specimen should be subjected to 40 ± 2℃, without load for 1000 hours and then stored at room
temperature for one or two hours. the change of varistor voltage shall be within 10 ﹪
High Temperature Load
Damp Heat Load/Humidity Load
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
The temperature cycle of specified temperature shall be repeated five times and then stored at room
temperature and humidity for one or two hours. the change of varistor voltage shall be within 10
﹪and
mechanical damage shall be examined.
Temperature Cycle
Maximum energy which may be dissipated with a specified waveform 10/1000µs.without device failure.
Energy Absorption
Spezifikation für Freigabe / specification for release
Maximum peak current which may be applied with the specified waveform 8/20µs without device failure.
Max. Working Voltage
With the specified measuring current of 1mA DC applied.
Typical Capacitance
Characteristic
Varistor Voltage
Typical leakage current at 25℃<50µA
Leakage Current
Surge Current
Device Capacitance measured with zero voltage bias 0.5VRMS and 1KHZ
Maximum peak voltage across the TVS measured at a specified pulse current(A)and waveform 8/20µs.
The shift of TVS voltage after suffering the specified surge current.
Surge Shift △V/V
http://www.we-online.com
E Testbedingungen / test conditions :
Test Method/Description
Environmental condition under which every measuring is done without doubt on the measuring results.
Unless specially specified, temperature, relative humidity are 5 to 35℃, 45 to 85﹪RH.
Standard Test Condition
Maximum steady-state DC operating voltage the device can maintain and typical leakage current at 25℃
not exceed 50 µA.
Max. Clamping Voltage
Kunde / customer :
PAGE/SEITE 5 - TO/VON 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com