Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD104AV Datasheet(PDF) 2 Page - Sony Corporation

Part # SLD104AV
Description  GaAlAs Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD104AV Datasheet(HTML) 2 Page - Sony Corporation

  SLD104AV Datasheet HTML 1Page - Sony Corporation SLD104AV Datasheet HTML 2Page - Sony Corporation SLD104AV Datasheet HTML 3Page - Sony Corporation SLD104AV Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
—2—
SLD104AV
Optical and Electrical Characteristics
(TC=25 °C)
TC : Case temperature
Item
Threshold current
Operating current
Operating voltage
Oscillation wavelength
Monitor current
Parallel radiation angle
Perpendicular
radiation angle
Parallel radiation
angle symmetry
Perpendicular radiation
angle accuracy
Positional accuracy
Differential efficiency
Astigmatism
S/N ratio
PD dark current
PD capacitance
between pins
Symbol
Ith
Iop
Vop
λ
Im
θ //
θ⊥
∆SR ∗1
∆ ⊥
∆X, ∆Y, ∆Z
ηD
As
S/N
ID
Cr
Conditions (Tc=25 °C)
PO=3 mW
PO=3 mW
PO=3 mW
PO=3 mW Vr (Pin)=5 V
PO=3 mW
PO=3 mW
CW, PO=3 mW
PO=3 mW
PO=3 mW
fc=720 kHz
∆f=30 kHz
PO=4 mW
Vr (Pin)=5 V
Vr (Pin)=5 V, f=1 MHz
Min.
1.7
760
0.08
9
20
0.2
–34
Typ.
45
52
1.9
780
0.15
18
35
0.45
–27
88
Max.
60
65
2.5
800
0.4
25
45
20
±3
±150
0.7
–20
150
30
Unit
mA
mA
V
nm
mA
deg
deg
%
deg
µm
mW/mA
µm
dB
nA
pF
∗∆ SR
Power
–7°
0° 7°
SL
SR
θ ||
∆ SR =
SL + SR
| SL – SR |



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com