Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD104AV Datasheet(PDF) 1 Page - Sony Corporation

Part # SLD104AV
Description  GaAlAs Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD104AV Datasheet(HTML) 1 Page - Sony Corporation

  SLD104AV Datasheet HTML 1Page - Sony Corporation SLD104AV Datasheet HTML 2Page - Sony Corporation SLD104AV Datasheet HTML 3Page - Sony Corporation SLD104AV Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
—1—
E96Y23-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Optical power output
PO
5mV
• Reverse voltage
VR
LD
2
V
PD
15
V
• Operating temperature
Topr
–10 to +60
°C
• Storage temperature
Tstg
–40 to +85
°C
Description
The SLD104AV is a low noise GaAlAs laser diode
developed for CD.
Features
• High temperature operation
• Low noise
• Small package (
φ 5.6 mm)
Applications
• Pickup for CD players
Structure
• GaAlAs double hetero structured laser diode
• Pin photodiode for optical power output monitor
GaAlAs Laser Diode
M-260
SLD104AV
Connection Diagram
Pin Configuration
PD
LD
2
1
3
COMMON
21
3
Bottom View
1. LD anode
2. PD anode
3. COMMON


Similar Part No. - SLD104AV

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD104AU SONY-SLD104AU Datasheet
45Kb / 4P
AlGaAs Laser Diode
More results

Similar Description - SLD104AV

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD131UL SONY-SLD131UL Datasheet
127Kb / 7P
GaAlAs Laser Diode
logo
Hitachi Semiconductor
HL7851G HITACHI-HL7851G Datasheet
21Kb / 4P
GaAlAs Laser Diode
logo
Opnext. Inc.
HL8325G OPNEXT-HL8325G Datasheet
93Kb / 4P
GaAlAs Laser Diode
HL8334MG OPNEXT-HL8334MG Datasheet
93Kb / 4P
GaAlAs Laser Diode
HL7851G OPNEXT-HL7851G Datasheet
93Kb / 4P
GaAlAs Laser Diode
HL8337MG OPNEXT-HL8337MG Datasheet
93Kb / 4P
GaAlAs Laser Diode
HL8340MG OPNEXT-HL8340MG Datasheet
93Kb / 4P
GaAlAs Laser Diode
HL8341MG OPNEXT-HL8341MG Datasheet
93Kb / 4P
GaAlAs Laser Diode
HL8342MG OPNEXT-HL8342MG Datasheet
93Kb / 4P
GaAlAs Laser Diode
HL8343MG OPNEXT-HL8343MG Datasheet
93Kb / 4P
GaAlAs Laser Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com