Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8223P Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8223P
Description  High Efficiency, Main Power Supply Controller for Notebook Computer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8223P Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8223P Datasheet HTML 9Page - Richtek Technology Corporation RT8223P Datasheet HTML 10Page - Richtek Technology Corporation RT8223P Datasheet HTML 11Page - Richtek Technology Corporation RT8223P Datasheet HTML 12Page - Richtek Technology Corporation RT8223P Datasheet HTML 13Page - Richtek Technology Corporation RT8223P Datasheet HTML 14Page - Richtek Technology Corporation RT8223P Datasheet HTML 15Page - Richtek Technology Corporation RT8223P Datasheet HTML 16Page - Richtek Technology Corporation RT8223P Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
RT8223P
13
DS8223P-01
June 2011
www.richtek.com
Reference Voltage vs. Temperature
1.984
1.987
1.990
1.993
1.996
1.999
2.002
2.005
2.008
2.011
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 12V, VENTRIP1 = VENTRIP2 = 5V,
EN = FLOATING, TONSEL = GND
Time (400
μs/Div)
REF
(2V/Div)
EN
(2V/Div)
EN = FLOATING, VENTRIP1 = VENTRIP2 = 5V
VREG5, VREG3 and REF Start Up
No Load, VIN = 12V, TONSEL = GND,
VREG5
(5V/Div)
VREG3
(2V/Div)
Standby Input Current vs. Input Voltage
240
241
242
243
244
245
246
247
248
249
250
7 8
9 101112 131415 161718 192021 22 2324
Input Voltage (V)
No Load,
EN = FLOATING, VENTRIP1 = VENTRIP2 = 5V
Shutdown Input Current vs. Input Voltage
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
7 8
9 1011 121314 1516 171819 202122 2324
Input Voltage (V)
No Load, EN = GND, VENTRIP1 = VENTRIP2 = 5V
Power On From ENC
Time (1ms/Div)
ENC
(5V/Div)
VOUT1
(5V/Div)
PGOOD
(5V/Div)
No Load
VIN = 12V, TONSEL = GND,
SKIPSEL = REF, EN = FLOATING,
VENTRIP1 = VENTRIP2 = 1.5V, VENC = 5V
VOUT2
(2V/Div)
Power Off From ENC
Time (4ms/Div)
No Load
ENC
(5V/Div)
VOUT1
(5V/Div)
PGOOD
(5V/Div)
VOUT2
(2V/Div)
VIN = 12V, TONSEL = GND,
SKIPSEL = REF, EN = FLOATING,
VENTRIP1 = VENTRIP2 = 1.5V, VENC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com