Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8577 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8577
Description  High Voltage 4-CH LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8577 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8577 Datasheet HTML 1Page - Richtek Technology Corporation RT8577 Datasheet HTML 2Page - Richtek Technology Corporation RT8577 Datasheet HTML 3Page - Richtek Technology Corporation RT8577 Datasheet HTML 4Page - Richtek Technology Corporation RT8577 Datasheet HTML 5Page - Richtek Technology Corporation RT8577 Datasheet HTML 6Page - Richtek Technology Corporation RT8577 Datasheet HTML 7Page - Richtek Technology Corporation RT8577 Datasheet HTML 8Page - Richtek Technology Corporation RT8577 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
DS8577-00 November 2011
www.richtek.com
RT8577
High Voltage 4-CH LED Driver
General Description
The RT8577 is an 4-CH LED driver capable of delivering
200mA for each channel. The RT8577 is a current mode
boost converter with an adjustable switching frequency
via the RT pin from 100kHz to 1MHz and a wide VIN
range from 9V to 28V.
The PWM output voltage loop selects and regulates the
LED pin with the highest voltage string to 0.6V, hence
allowing voltage mismatches between LED strings. The
RT8577 automatically detects and disconnects any
unconnected and/or broken strings during operation from
PWM loop to prevent VOUT from over voltage. The 1.5%
matched LED currents on all channels are simply
programmed with a resistor. A very high contrast ratio true
digital PWM dimming can be achieved by driving the PWM
pin with a PWM signal.
When an abnormal situation (open/short/thermal) occurs,
a status signal will be sent to the system to shut down
the IC.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Features
Wide Input Supply Voltage Range : 9V to 28V
Adjustable Boost Controller Switching Frequency
from 100kHz to 1MHz
Programmable Channel Current
Channel Current Matching :
±±±±±1.5%
External Dimming Control
Boost MOSFET Over Current Protection
Automatic LED Open/Short Protection to Avoid
Output Over Voltage
VCC Under Voltage Lockout
Adjustable Over Voltage Protection
Under Voltage Protection
Thermal Shutdown Protection
Abnormal Status Indicator for Open/Short/Thermal
Condition
RoHS Compliant and Halogen Free
Applications
LCD TV, Monitor Display Backlight
LEDDriver Application
General Purpose Constant Current Source
Pin Configurations
(TOP VIEW)
WQFN-20L 5x5
Marking Information
RT8577ZQW : Product Number
YMDNN : Date Code
Package Type
QW : WQFN-20L 5x5 (W-Type)
RT8577
Lead Plating System
Z : ECO (Ecological Element with
Halogen Free and Pb free)
RT8577
ZQW
YMDNN
21
GND
LED2
OVP/UVP
GND
LED1
CREG
SEN
PGND
DRV
RISET
EN
15
14
13
12
1
2
3
4
11
5
7
8910
19
18
17
16
6
20


Similar Part No. - RT8577

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT85 ASTRODYNE-RT85 Datasheet
297Kb / 4P
85W Triple Output Switching Power Supply
logo
Richtek Technology Corp...
RT8509 RICHTEK-RT8509 Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
RT8509GQW RICHTEK-RT8509GQW Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
43V Asynchronous Boost WLED Driver
logo
Schaffner International...
RT8522-10-6M0 SCHAFFNER-RT8522-10-6M0 Datasheet
2Mb / 6P
Current-compensated Chokes
More results

Similar Description - RT8577

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8006D3 FAIRCHILD-FAN8006D3 Datasheet
243Kb / 14P
4-CH Motor Driver
KA9258D FAIRCHILD-KA9258D Datasheet
606Kb / 14P
4-CH MOTOR DRIVER
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
4-CH Motor Driver
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
4-CH MOTOR DRIVER
logo
Toshiba Semiconductor
TD62783APG TOSHIBA-TD62783APG Datasheet
182Kb / 11P
8 ch High-Voltage Source Driver
TD62783AP TOSHIBA-TD62783AP_06 Datasheet
180Kb / 11P
8 ch High-Voltage Source Driver
logo
Richtek Technology Corp...
RT8560 RICHTEK-RT8560 Datasheet
271Kb / 15P
High Voltage 4 Channel LED Driver
RT8489 RICHTEK-RT8489 Datasheet
310Kb / 16P
High Voltage 4-CH LED Driver Controller
logo
Leadtrend Technology
LD7890 LEADTREND-LD7890 Datasheet
796Kb / 16P
High Voltage 4-Channel LED Controller Driver
logo
First Silicon Co., Ltd
FD62783AP FS-FD62783AP Datasheet
449Kb / 4P
8 ch High-Voltage Source Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com